Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843081AGI-01LFT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS843081AGI-01LFT
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK MULTIPLIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843081AGI-01LFT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS843081AGI-01LFT Datasheet HTML 1Page - Integrated Circuit Systems ICS843081AGI-01LFT Datasheet HTML 2Page - Integrated Circuit Systems ICS843081AGI-01LFT Datasheet HTML 3Page - Integrated Circuit Systems ICS843081AGI-01LFT Datasheet HTML 4Page - Integrated Circuit Systems ICS843081AGI-01LFT Datasheet HTML 5Page - Integrated Circuit Systems ICS843081AGI-01LFT Datasheet HTML 6Page - Integrated Circuit Systems ICS843081AGI-01LFT Datasheet HTML 7Page - Integrated Circuit Systems ICS843081AGI-01LFT Datasheet HTML 8Page - Integrated Circuit Systems ICS843081AGI-01LFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
843081AGI-01
www.icst.com/products/hiperclocks.html
REV. B JANUARY 23, 2006
3
Integrated
Circuit
Systems, Inc.
ICS843081I-01
FEMTOCLOCKS™CRYSTAL-TO-
3.3V, 2.5V LVPECL CLOCK MULTIPLIER
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
CC = VCCA = 3.3V ± 5%, T
A
= -40°C TO 85°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
101.7°C/W (0 mps)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions be-
yond those listed in the DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
TABLE 3C. LVCMOS/LVTTL DC CHARACTERISTICS, V
CC = VCCA = 3.3V ± 5%
OR
2.5V ± 5%, TA = -40°C TO 85°C
TABLE 3B. POWER SUPPLY DC CHARACTERISTICS, V
CC = VCCA = 2.5V ± 5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
V
A
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
5
3
1
.
33
.
35
6
4
.
3V
I
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
2
7A
m
I
A
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
2
1A
m
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
8
7A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
7
3
.
25
.
25
2
6
.
2V
V
A
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
5
7
3
.
25
.
25
2
6
.
2V
I
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
6A
m
I
A
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
2
1A
m
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
3
7A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
V
C
C
V
3
.
3
=2
V
C
C
3
.
0
+V
V
C
C
V
5
.
2
=7
.
1V
C
C
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
V
C
C
V
3
.
3
=3
.
0
-8
.
0V
V
C
C
V
5
.
2
=3
.
0
-7
.
0V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IV
C
C
V
=
N
I
V
5
2
6
.
2
r
o
V
5
6
4
.
3
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
IV
C
C
V
,
V
5
2
6
.
2
r
o
V
5
6
4
.
3
=
N
I
V
0
=0
5
1
-A
µ


Similar Part No. - ICS843081AGI-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430-111 ICST-ICS8430-111 Datasheet
183Kb / 16P
   700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430-51 ICST-ICS8430-51 Datasheet
151Kb / 16P
   600MHZ, LOW JITTER LVCMOS/ LVTTL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS8430-62 IDT-ICS8430-62 Datasheet
832Kb / 23P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8430-71B ICST-ICS8430-71B Datasheet
175Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS843081AGI-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
logo
Integrated Device Techn...
ICS843031-01 IDT-ICS843031-01 Datasheet
304Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843021I-01 IDT-ICS843021I-01 Datasheet
704Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843241I-04 IDT-ICS843241I-04 Datasheet
283Kb / 14P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
843031-01 IDT-843031-01 Datasheet
343Kb / 16P
   FemtoClocks Crystal-to-3.3V, 2.5V LVPECL Clock Generator
843081I-01 IDT-843081I-01 Datasheet
215Kb / 16P
   FemtoClock짰 Crystal-to-2.5V, 3.3V LVPECL Clock Multiplier
logo
Renesas Technology Corp
843031-01 RENESAS-843031-01 Datasheet
546Kb / 17P
   FemtoClocks® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
10/15/15
logo
Integrated Circuit Syst...
ICS843023I ICST-ICS843023I Datasheet
196Kb / 13P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
843081I-01 RENESAS-843081I-01 Datasheet
425Kb / 17P
   FemtoClock® Crystal-to-2.5V, 3.3V LVPECL Clock Multiplier
11/5/15
logo
Integrated Circuit Syst...
ICS843021I-01 ICST-ICS843021I-01 Datasheet
219Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V 125MHZ LVPECL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com