Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843101AG-312LF Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS843101AG-312LF
Description  FEMTOCLOCKS??CRYSTAL-TO-LVPECL 312.5MHZ FREQUENCY MARGINING SYNTHESIZER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843101AG-312LF Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS843101AG-312LF Datasheet HTML 1Page - Integrated Circuit Systems ICS843101AG-312LF Datasheet HTML 2Page - Integrated Circuit Systems ICS843101AG-312LF Datasheet HTML 3Page - Integrated Circuit Systems ICS843101AG-312LF Datasheet HTML 4Page - Integrated Circuit Systems ICS843101AG-312LF Datasheet HTML 5Page - Integrated Circuit Systems ICS843101AG-312LF Datasheet HTML 6Page - Integrated Circuit Systems ICS843101AG-312LF Datasheet HTML 7Page - Integrated Circuit Systems ICS843101AG-312LF Datasheet HTML 8Page - Integrated Circuit Systems ICS843101AG-312LF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
843101AG-312
www.icst.com/products/hiperclocks.html
OCTOBER 18, 2005
3
Integrated
Circuit
Systems, Inc.
ICS843101-312
FEMTOCLOCKS™CRYSTAL-TO-LVPECL
312.5MHZ FREQUENCY MARGINING SYNTHESIZER
ADVANCE INFORMATION
TABLE 2. PIN DESCRIPTIONS
TABLE 3. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
2
1
,
1V
E
E
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
2D
A
O
L
_
St
u
p
n
In
w
o
d
ll
u
P
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
n
i
l
a
i
r
e
S
e
h
t
f
o
n
o
i
t
a
r
e
p
o
e
h
t
s
l
o
r
t
n
o
C
3A
T
A
D
_
St
u
p
n
In
w
o
d
ll
u
P
.
K
C
O
L
C
_
S
f
o
e
g
d
e
g
n
i
s
i
r
e
h
t
n
o
d
e
l
p
m
a
s
a
t
a
D
.
t
u
p
n
i
l
a
i
r
e
s
r
e
t
s
i
g
e
r
t
f
i
h
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
4K
C
O
L
C
_
St
u
p
n
In
w
o
d
ll
u
P
e
h
t
n
o
r
e
t
s
i
g
e
r
t
f
i
h
s
e
h
t
o
t
n
i
t
u
p
n
i
A
T
A
D
_
S
t
a
t
n
e
s
e
r
p
a
t
a
d
l
a
i
r
e
s
n
i
k
c
o
l
C
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
K
C
O
L
C
_
S
f
o
e
g
d
e
g
n
i
s
i
r
5L
E
St
u
p
n
In
w
o
d
ll
u
P
.
t
u
p
n
i
K
L
C
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
n
i
p
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
n
i
L
A
T
X
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
6E
Ot
u
p
n
Ip
u
ll
u
P
.
s
t
u
p
t
u
o
Q
n
/
Q
f
o
g
n
il
b
a
s
i
d
d
n
a
g
n
il
b
a
n
e
s
l
o
r
t
n
o
C
.
n
i
p
e
l
b
a
n
e
t
u
p
t
u
O
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
7V
A
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
8V
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
0
1
,
9
,
N
I
_
L
A
T
X
T
U
O
_
L
A
T
X
t
u
p
n
I
e
h
t
s
i
N
I
_
L
A
T
X
,
t
u
p
t
u
o
e
h
t
s
i
T
U
O
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
l
a
t
s
y
r
c
t
n
a
n
o
s
e
r
l
e
ll
a
r
a
P
.
t
u
p
n
i
1
1K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
L
T
T
V
L
/
S
O
M
C
V
L
4
1
,
3
1Q
,
Q
nt
u
p
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
5
1V
O
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
6
1E
D
O
Mt
u
p
n
In
w
o
d
ll
u
P
.
e
d
o
m
g
n
i
n
i
g
r
a
m
y
c
n
e
u
q
e
r
f
=
H
G
I
H
.
e
d
o
m
t
l
u
a
f
e
d
=
W
O
L
.
n
i
p
E
D
O
M
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
:
E
T
O
N
n
w
o
d
ll
u
P
d
n
a
p
u
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r


Similar Part No. - ICS843101AG-312LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843101AGI-312 ICST-ICS843101AGI-312 Datasheet
228Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVPECL 312.5MHZ FREQUENCY MARGINING SYNTHESIZER
ICS843101AGI-312LF ICST-ICS843101AGI-312LF Datasheet
228Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVPECL 312.5MHZ FREQUENCY MARGINING SYNTHESIZER
ICS843101AGI-312LFT ICST-ICS843101AGI-312LFT Datasheet
228Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVPECL 312.5MHZ FREQUENCY MARGINING SYNTHESIZER
ICS843101AGI-312T ICST-ICS843101AGI-312T Datasheet
228Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVPECL 312.5MHZ FREQUENCY MARGINING SYNTHESIZER
More results

Similar Description - ICS843101AG-312LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843101I-312 ICST-ICS843101I-312 Datasheet
228Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVPECL 312.5MHZ FREQUENCY MARGINING SYNTHESIZER
ICS844101I-312 ICST-ICS844101I-312 Datasheet
172Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS 312.5MHZ FREQUENCY MARGINING SYNTHESIZER
ICS843101I-100 ICST-ICS843101I-100 Datasheet
244Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVPECL 100MHZ FREQUENCY MARGINING SYNTHESIZER
logo
Integrated Device Techn...
ICS843207-350 IDT-ICS843207-350 Datasheet
270Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVPECL 350MHZ FREQUENCY MARGINING SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843256I IDT-843256I Datasheet
272Kb / 17P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com