Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843204I Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS843204I
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843204I Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS843204I Datasheet HTML 1Page - Integrated Circuit Systems ICS843204I Datasheet HTML 2Page - Integrated Circuit Systems ICS843204I Datasheet HTML 3Page - Integrated Circuit Systems ICS843204I Datasheet HTML 4Page - Integrated Circuit Systems ICS843204I Datasheet HTML 5Page - Integrated Circuit Systems ICS843204I Datasheet HTML 6Page - Integrated Circuit Systems ICS843204I Datasheet HTML 7Page - Integrated Circuit Systems ICS843204I Datasheet HTML 8Page - Integrated Circuit Systems ICS843204I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
843204AGI
www.icst.com/products/hiperclocks.html
REV. A JANUARY 6, 2006
1
Integrated
Circuit
Systems, Inc.
ICS843204I
FEMTOCLOCKS™ CRYSTAL-TO-
3.3V LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
PLL
OSC
÷4
OSC
25MHz
19.44MHz
PLL
÷4
622.08MHz
155.52MHz
625MHz
156.25MHz
0
1
0
1
0
1
0
1
GENERAL DESCRIPTION
The ICS843204I is a 4 output LVPECL
Synthesizer optimized to generate Gigabit
Ethernet and SONET reference clock fre-
quencies and is a member of the HiPerClocksTM
family of high performance clock solutions from
ICS. Using a 19.44MHz and 25MHz, 18pF parallel resonant
crystal, 155.52MHz and 156.25MHz frequencies can be
generated. The ICS843204I uses ICS’ FemtoClockTM low
phase noise VCO technology and can achieve 1ps or lower
typical RMS phase jitter. The ICS843204I is packaged in a
48-pin TSSOP package.
FEATURES
• Four 3.3V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies: 155.52MHz
and 156.25MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 155.52MHz, using a 19.44MHz cryst
al
(12kHz - 13MHz): 0.86ps (typical)
• RMS phase jitter @ 156.25MHz, using a 19.44MHz cryst
al
(1.875MHz - 20MHz): 0.52ps (typical)
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS
compliant packages
HiPerClockS™
ICS
PIN ASSIGNMENT
ICS843204I
48 Lead TSSOP
6.1mm x 12.5mm x 0.93mm
package body
G Package
Top View
nQA1
QA1
nQA0
QA0
nc
VCCO_A
SELA1
SELA0
PLL_BYPASS_A
nc
nc
nc
nc
XTAL_IN1
XTAL_OUT1
CLK1
IN_SEL_B
PLL_BYPASS_B
VCCO_B
nc
QB0
nQB0
QB1
nQB1
IN_SEL_A
CLK0
XTAL_IN0
XTAL_OUT0
nc
VEE
OEA0
OEA1
VCC
VCCA
nc
nc
SELB0
VEE
OEB0
OEB1
VCC
SELB1
VCCA
nc
nc
nc
nc
nc
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
QA0
nQA0
QA1
nQA1
QB0
nQB0
QB1
nQB1
PLL_BYPASS_A
IN_SELA
CLK0
XTAL_IN0
XTAL_OUT0
PLL_BYPASS_B
IN_SELB
CLK1
XTAL_IN1
XTAL_OUT1
SELA1
OEA1
SELA0
OEA0
SELB1
OEB1
SELB0
OEB0
BLOCK DIAGRAM
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on
initial product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications
without notice.


Similar Part No. - ICS843204I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843204I IDT-ICS843204I Datasheet
382Kb / 16P
   3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS843204I RENESAS-ICS843204I Datasheet
540Kb / 17P
   FEMTOCLOCK™ CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
MARCH 18, 2009
More results

Similar Description - ICS843204I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843256I IDT-843256I Datasheet
272Kb / 17P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003 IDT-843003 Datasheet
378Kb / 21P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843242 IDT-ICS843242 Datasheet
287Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843002-01 ICST-ICS843002-01 Datasheet
238Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002 ICST-ICS843002 Datasheet
309Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com