Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS81006AK Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS81006AK
Description  VCXO-TO-6 LVCMOS OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS81006AK Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS81006AK Datasheet HTML 3Page - Integrated Circuit Systems ICS81006AK Datasheet HTML 4Page - Integrated Circuit Systems ICS81006AK Datasheet HTML 5Page - Integrated Circuit Systems ICS81006AK Datasheet HTML 6Page - Integrated Circuit Systems ICS81006AK Datasheet HTML 7Page - Integrated Circuit Systems ICS81006AK Datasheet HTML 8Page - Integrated Circuit Systems ICS81006AK Datasheet HTML 9Page - Integrated Circuit Systems ICS81006AK Datasheet HTML 10Page - Integrated Circuit Systems ICS81006AK Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
81006AK
www.icst.com/products/hiperclocks.html
REV. A JANUARY 4, 2006
7
Integrated
Circuit
Systems, Inc.
ICS81006
VCXO-TO-6 LVCMOS OUTPUTS
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot
PARAMETER MEASUREMENT INFORMATION
SCOPE
Qx
LVCMOS
3.3V CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
2.4V±0.065V
V
DDO
-0.9V±0.1V
V
DD
0.9V±0.1V
SCOPE
Qx
LVCMOS
3.3V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
2.05V±5%
V
DDO
-1.25V±5%
V
DD
1.25V±5%
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
1.65V±5%
-1.65V±5%
2.5V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
2.5 CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
RMS PHASE JITTER
SCOPE
Qx
LVCMOS
1.6V±0.025V
V
DDO
-0.9V±0.1V
V
DD
0.9V±0.1V
V
DD,
V
DDO
GND
GND
GND
GND
SCOPE
Qx
LVCMOS
1.25V±5%
-1.25V±5%
V
DD,
V
DDO
GND


Similar Part No. - ICS81006AK

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS81006AKI ICST-ICS81006AKI Datasheet
146Kb / 13P
   VCXO-TO-6 LVCMOS OUTPUTS
ICS81006AKILF ICST-ICS81006AKILF Datasheet
146Kb / 13P
   VCXO-TO-6 LVCMOS OUTPUTS
ICS81006AKILFT ICST-ICS81006AKILFT Datasheet
146Kb / 13P
   VCXO-TO-6 LVCMOS OUTPUTS
ICS81006AKIT ICST-ICS81006AKIT Datasheet
146Kb / 13P
   VCXO-TO-6 LVCMOS OUTPUTS
More results

Similar Description - ICS81006AK

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810-06I ICST-ICS810-06I Datasheet
146Kb / 13P
   VCXO-TO-6 LVCMOS OUTPUTS
logo
Renesas Technology Corp
81006 RENESAS-81006 Datasheet
595Kb / 19P
   VCXO-To-6 LVCMOS Outputs
REVISION B 7/29/16
81006I RENESAS-81006I Datasheet
500Kb / 19P
   VCXO-To-6 LVCMOS Outputs
7/29/16
logo
Integrated Device Techn...
ICS81006I IDT-ICS81006I Datasheet
678Kb / 14P
   VCXO-TO-LVCMOS OUTPUTS
ICS810525I IDT-ICS810525I Datasheet
251Kb / 12P
   VCXO-TO-LVCMOS/LVTTL OUTPUT
8101925 IDT-8101925 Datasheet
196Kb / 11P
   VCXO-to-LVCMOS/ LVTTL Output
logo
Renesas Technology Corp
8101925 RENESAS-8101925 Datasheet
196Kb / 11P
   VCXO-to-LVCMOS/ LVTTL Output
November 7, 2016
logo
Nel Frequency Controls,...
SU-X32AXXX NEL-SU-X32AXXX Datasheet
139Kb / 3P
   CMOS/LVCMOS HF VCXO
AB-X32AXXX-X NEL-AB-X32AXXX-X Datasheet
159Kb / 3P
   CMOS/LVCMOS HF VCXO
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com