Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843404AGLF Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS843404AGLF
Description  LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843404AGLF Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS843404AGLF Datasheet HTML 4Page - Integrated Circuit Systems ICS843404AGLF Datasheet HTML 5Page - Integrated Circuit Systems ICS843404AGLF Datasheet HTML 6Page - Integrated Circuit Systems ICS843404AGLF Datasheet HTML 7Page - Integrated Circuit Systems ICS843404AGLF Datasheet HTML 8Page - Integrated Circuit Systems ICS843404AGLF Datasheet HTML 9Page - Integrated Circuit Systems ICS843404AGLF Datasheet HTML 10Page - Integrated Circuit Systems ICS843404AGLF Datasheet HTML 11Page - Integrated Circuit Systems ICS843404AGLF Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
843404AG
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 17, 2005
8
Integrated
Circuit
Systems, Inc.
ICS843404
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND
LVDS CLOCK GENERATOR
LVPECL 3.3V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
LVDS 3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
LVPECL 3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
nQx
LVPECL
2V
-1.3V±0.165V
RMS PHASE JITTER
PARAMETER MEASUREMENT INFORMATION
tsk(o)
LVPECLy,
LVDSy
LVPECLx,
LVDSx
V
DD,
V
DDA,
V
DDO_LVPECL
GND
nLVPECLy,
nLVDSy
nLVPECLx,
nLVDSx
OUTPUT SKEW
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
SCOPE
Qx
nQx
LVDS
3.3V±5%
POWER SUPPLY
+-
Float GND
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot
Pulse Width
t PERIOD
LVPECLx,
LVDSx
nLVPECLx,
nLVDSx
SCOPE
Qx
nQx
LVPECL
2.8V±0.04V
-0.5V±0.125V
V
DD,
V
DDA,
V
DDO_LVPECL
GND
2V


Similar Part No. - ICS843404AGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS843404AGLF RENESAS-ICS843404AGLF Datasheet
479Kb / 20P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
2006
ICS843404AGLFT RENESAS-ICS843404AGLFT Datasheet
479Kb / 20P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
2006
More results

Similar Description - ICS843404AGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS843404 RENESAS-ICS843404 Datasheet
479Kb / 20P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
2006
logo
Integrated Circuit Syst...
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843051 ICST-ICS843051 Datasheet
241Kb / 15P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843001BI ICST-ICS843001BI Datasheet
233Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843252-04 ICST-ICS843252-04 Datasheet
161Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
logo
Integrated Device Techn...
843021 IDT-843021 Datasheet
282Kb / 15P
   FemtoClock Crystal-to-3.3V LVPECL Clock Generator
ICS843SDN IDT-ICS843SDN Datasheet
830Kb / 14P
   FEMTOCLOCK??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843011C IDT-ICS843011C Datasheet
247Kb / 14P
   FemtoClock Crystal-to-3.3V LVPECL Clock Generator
ICS843021I IDT-ICS843021I Datasheet
894Kb / 14P
   FemtoClock Crystal-to-3.3V LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com