Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF650 Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # BUF650
Description  Silicon NPN High Voltage Switching Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

BUF650 Datasheet(HTML) 6 Page - TEMIC Semiconductors

  BUF650 Datasheet HTML 1Page - TEMIC Semiconductors BUF650 Datasheet HTML 2Page - TEMIC Semiconductors BUF650 Datasheet HTML 3Page - TEMIC Semiconductors BUF650 Datasheet HTML 4Page - TEMIC Semiconductors BUF650 Datasheet HTML 5Page - TEMIC Semiconductors BUF650 Datasheet HTML 6Page - TEMIC Semiconductors BUF650 Datasheet HTML 7Page - TEMIC Semiconductors BUF650 Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BUF650
TELEFUNKEN Semiconductors
Rev. C2, 18-Jul-97
6 (8)
0
2
468
0
2
4
6
8
10
10
95 10570
–IB2/IB1
saturated switching
R-load
IC = 1.6A, IB1 = 0.2A
Tcase = 125°C
25
°C
Figure 10. ts vs. –IB2/IB1
0
0.8
1.6
2.4
3.2
0
2
4
6
8
10
4.0
95 10569
–IB2/IB1
saturated switching
R-load
IC = 1.6A, IB1 = 0.4A
Tcase = 125°C
25
°C
Figure 11. ts vs. –IB2/IB1
0
2
468
0
0.1
0.2
0.3
0.4
0.5
10
95 10571
–IB2/IB1
saturated switching
R-load
IC = 1.6A, IB1 = 0.2A
Tcase = 125°C
25
°C
Figure 12. tf vs. –IB2/IB1
0
0.8
1.6
2.4
3.2
4.0
95 10568
0
0.2
0.4
0.6
0.8
1.0
–IB2/IB1
saturated switching
R-load
IC = 1.6A, IB1 = 0.4A
Tcase = 125°C
25
°C
Figure 13. tf vs. –IB2/IB1


Similar Part No. - BUF650

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BUF653 TEMIC-BUF653 Datasheet
132Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF654 TEMIC-BUF654 Datasheet
134Kb / 9P
   Silicon NPN High Voltage Switching Transistor
More results

Similar Description - BUF650

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BUF644 VISHAY-BUF644 Datasheet
92Kb / 9P
   Silicon NPN High Voltage Switching Transistor
Rev. 2, 20-Jan-99
BUF7216 VISHAY-BUF7216 Datasheet
92Kb / 8P
   Silicon NPN High Voltage Switching Transistor
Rev. 1, 20-Jan-99
logo
TEMIC Semiconductors
BUF742 TEMIC-BUF742 Datasheet
129Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF636A TEMIC-BUF636A Datasheet
126Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF744 TEMIC-BUF744 Datasheet
133Kb / 9P
   Silicon NPN High Voltage Switching Transistor
logo
Vishay Siliconix
BUD616A VISHAY-BUD616A Datasheet
134Kb / 9P
   Silicon NPN High Voltage Switching Transistor
Rev. 1, 20-Jan-99
logo
TEMIC Semiconductors
TE13004D TEMIC-TE13004D Datasheet
94Kb / 9P
   Silicon NPN High Voltage Switching Transistor
BUF654 TEMIC-BUF654 Datasheet
134Kb / 9P
   Silicon NPN High Voltage Switching Transistor
logo
Vaishali Semiconductor
BUD700D VAISH-BUD700D Datasheet
99Kb / 8P
   Silicon NPN High Voltage Switching Transistor
logo
TEMIC Semiconductors
BUF653 TEMIC-BUF653 Datasheet
132Kb / 8P
   Silicon NPN High Voltage Switching Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com