Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8547AY Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS8547AY
Description  HEX, LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVDS CLOCK BUFFERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8547AY Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS8547AY Datasheet HTML 1Page - Integrated Circuit Systems ICS8547AY Datasheet HTML 2Page - Integrated Circuit Systems ICS8547AY Datasheet HTML 3Page - Integrated Circuit Systems ICS8547AY Datasheet HTML 4Page - Integrated Circuit Systems ICS8547AY Datasheet HTML 5Page - Integrated Circuit Systems ICS8547AY Datasheet HTML 6Page - Integrated Circuit Systems ICS8547AY Datasheet HTML 7Page - Integrated Circuit Systems ICS8547AY Datasheet HTML 8Page - Integrated Circuit Systems ICS8547AY Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ICS8547AY
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 4, 2003
5
Integrated
Circuit
Systems, Inc.
ICS8547
HEX, LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-LVDS CLOCK BUFFERS
TABLE 5. AC CHARACTERISTICS, V
DD = VDDO
= 3.3V±5%, TA = 0°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
0
7z
H
M
t
D
P
1
E
T
O
N
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
ƒ
z
H
M
0
0
52
.
15
.
18
.
1s
n
t
)
o
(
k
s5
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
5
2s
p
t
)
b
(
k
s5
,
3
E
T
O
N
;
w
e
k
S
k
n
a
B
5
1s
p
t
)
p
p
(
k
s5
,
4
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
0
0
5s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
5
20
5
5s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
ƒ
z
H
M
0
0
35
40
55
5%
ƒ
<
z
H
M
0
0
3
z
H
M
0
0
50
40
6%
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
z
H
M
0
0
5
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
.
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
s
t
n
i
o
p
s
s
o
r
c
l
a
i
t
n
e
r
e
f
f
i
d
t
u
p
t
u
o
e
h
t
t
a
m
o
r
f
d
e
r
u
s
a
e
M
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
f
o
k
n
a
b
a
n
i
h
t
i
w
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
s
a
d
e
n
i
f
e
D
:
4
E
T
O
N
d
e
r
u
s
a
e
m
e
r
a
s
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
s
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
.
s
t
n
i
o
p
s
s
o
r
c
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
t
a
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
5
E
T
O
N


Similar Part No. - ICS8547AY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85401 ICST-ICS85401 Datasheet
223Kb / 11P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
ICS85401AK ICST-ICS85401AK Datasheet
223Kb / 11P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
ICS85401AKT ICST-ICS85401AKT Datasheet
223Kb / 11P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
ICS854054AG ICST-ICS854054AG Datasheet
250Kb / 13P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
More results

Similar Description - ICS8547AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
85408I RENESAS-85408I Datasheet
635Kb / 17P
   Low Skew, 1-to-8, Differential-to-LVDS Clock
February 23, 2016
logo
Integrated Device Techn...
ICS85408I IDT-ICS85408I Datasheet
761Kb / 16P
   Low Skew, 1-to-8, Differential-to-LVDS Clock
85408 IDT-85408_15 Datasheet
299Kb / 16P
   Low Skew, 1-to-8, Differential-to-LVDS Clock
logo
Renesas Technology Corp
85408 RENESAS-85408 Datasheet
539Kb / 17P
   Low Skew, 1-to-8, Differential-to-LVDS Clock
Rev C 1/5/15
logo
Integrated Circuit Syst...
ICS85411 ICST-ICS85411 Datasheet
189Kb / 13P
   Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
ICS85408 ICST-ICS85408 Datasheet
466Kb / 12P
   LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
logo
Renesas Technology Corp
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
   Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
ICS8516I ICST-ICS8516I Datasheet
170Kb / 13P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
logo
Renesas Technology Corp
85411 RENESAS-85411 Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com