Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS844004AGI-04T Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS844004AGI-04T
Description  FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-LVDS FREQUENCY SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS844004AGI-04T Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS844004AGI-04T Datasheet HTML 5Page - Integrated Circuit Systems ICS844004AGI-04T Datasheet HTML 6Page - Integrated Circuit Systems ICS844004AGI-04T Datasheet HTML 7Page - Integrated Circuit Systems ICS844004AGI-04T Datasheet HTML 8Page - Integrated Circuit Systems ICS844004AGI-04T Datasheet HTML 9Page - Integrated Circuit Systems ICS844004AGI-04T Datasheet HTML 10Page - Integrated Circuit Systems ICS844004AGI-04T Datasheet HTML 11Page - Integrated Circuit Systems ICS844004AGI-04T Datasheet HTML 12Page - Integrated Circuit Systems ICS844004AGI-04T Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
844004AGI-04
www.icst.com/products/hiperclocks.html
REV. A JANUARY 26, 2006
10
Integrated
Circuit
Systems, Inc.
ICS844004I-04
FEMTOCLOCKS™CRYSTAL/LVCMOS-TO-
LVDS FREQUENCY SYNTHESIZER
PRELIMINARY
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS844004I-04.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS844004I-04 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
DD = 3.3V + 5% = 3.465V, which gives worst case results.
Power (core)
MAX = VDD_MAX * (IDD_MAX + IDDA_MAX) = 3.465V * (80mA + 8mA) = 304.92mW
Power (outputs)
MAX = VDDO_MAX * IDDO_MAX = 3.465V * 87mA = 301.45mW
Total Power
_MAX = 304.92mW + 301.45mW = 606.37mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability
of the device. The maximum recommended junction temperature for HiPerClockSTM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
q
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used.
Assuming a moderate air flow of 1 meter per second and a multi-layer board, the appropriate value is 65°C/W per Table 7
below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.606W * 65°C/W = 124°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air
flow, and the type of board (single layer or multi-layer).
TABLE 7. THERMAL RESISTANCE
θθθθθ
JA
FOR
24-LEAD TSSOP, FORCED CONVECTION
θθθθθ
JA by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
70°C/W
65°C/W
62°C/W


Similar Part No. - ICS844004AGI-04T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844004AGI-01 ICST-ICS844004AGI-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844004AGI-01T ICST-ICS844004AGI-01T Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
More results

Similar Description - ICS844004AGI-04T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
   FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Circuit Syst...
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
logo
Integrated Device Techn...
ICS844008I IDT-ICS844008I Datasheet
633Kb / 18P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002 IDT-ICS844002 Datasheet
339Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844004-104 IDT-ICS844004-104 Datasheet
925Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS844003I-01 ICST-ICS844003I-01 Datasheet
194Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844008-16 ICST-ICS844008-16 Datasheet
144Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com