Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS844008-16 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS844008-16
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS844008-16 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS844008-16 Datasheet HTML 1Page - Integrated Circuit Systems ICS844008-16 Datasheet HTML 2Page - Integrated Circuit Systems ICS844008-16 Datasheet HTML 3Page - Integrated Circuit Systems ICS844008-16 Datasheet HTML 4Page - Integrated Circuit Systems ICS844008-16 Datasheet HTML 5Page - Integrated Circuit Systems ICS844008-16 Datasheet HTML 6Page - Integrated Circuit Systems ICS844008-16 Datasheet HTML 7Page - Integrated Circuit Systems ICS844008-16 Datasheet HTML 8Page - Integrated Circuit Systems ICS844008-16 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
844008AY-16
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 1, 2006
1
Integrated
Circuit
Systems, Inc.
ICS844008-16
FEMTOCLOCKS™ CRYSTAL-TO-
LVDS FREQUENCY SYNTHESIZER
PRELIMINARY
GENERAL DESCRIPTION
The ICS844008-16 is an 8 output LVDS
Synthesizer optimized to generate PCI Express
reference clock frequencies and is a member
of the HiPerClocksTM family of high performance
clock solutions from ICS. Using a 25MHz
parallel resonant crystal, the following frequencies can be
generated based on F_SEL pin: 100MHz or 125MHz. The
ICS844008-16 uses ICS’ 3rd generation low phase noise
VCO technology and can achieve <1ps typical rms phase
jitter, easily meeting PCI Express jitter requirements. The
ICS844008-16 is packaged in a 32-pin LQFP package.
FEATURES
• Eight LVDS outputs
• Crystal oscillator interface
• Supports the following output frequencies:
100MHz or 125MHz
• VCO: 500MHz
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.44ps (typical)
• Full 3.3V supply modes
• 0°C to 70°C ambient operating temperature
• Available in both standard and lead-free RoHS compliant
packages
HiPerClockS™
ICS
PIN ASSIGNMENT
FREQUENCY SELECT FUNCTIONTABLE
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Q0
nQ0
VDD
Q1
nQ1
GND
Q2
nQ2
ICS844008-16
32-Lead LQFP
7mm x 7mm x 1.4mm
package body
Y Package
Top View
Q7
nQ7
VDD
Q6
nQ6
GND
Q5
nQ5
1
0
Phase
Detector
VCO
500MHz
(w/25MHz
Reference)
M = ÷20 (fixed)
÷4
÷5
OSC
BLOCK DIAGRAM
nPLL_SEL
XTAL_IN
XTAL_OUT
OE1
MR
F_SEL
OE2
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Pullup
Pullup
25MHz
Pulldown
Pullup
Pulldown
t
u
p
n
I
t
u
p
t
u
O
y
c
n
e
u
q
e
r
F
)
z
H
M
(
t
u
p
n
I
y
c
n
e
u
q
e
r
F
)
z
H
M
(L
E
S
_
F
r
e
d
i
v
i
D
M
e
u
l
a
V
r
e
d
i
v
i
D
N
e
u
l
a
V
r
e
d
i
v
i
D
N
/
M
e
u
l
a
V
z
H
M
5
20
0
24
5
5
2
1
z
H
M
5
21
0
25
4
0
0
1
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on
initial product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications
without notice.


Similar Part No. - ICS844008-16

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844008AYI-15 ICST-ICS844008AYI-15 Datasheet
147Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844008AYI-15LF ICST-ICS844008AYI-15LF Datasheet
147Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844008AYI-15LFT ICST-ICS844008AYI-15LFT Datasheet
147Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844008AYI-15T ICST-ICS844008AYI-15T Datasheet
147Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS844008I IDT-ICS844008I Datasheet
633Kb / 18P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
More results

Similar Description - ICS844008-16

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
   FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Circuit Syst...
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
logo
Integrated Device Techn...
ICS844008I IDT-ICS844008I Datasheet
633Kb / 18P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002 IDT-ICS844002 Datasheet
339Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844004-104 IDT-ICS844004-104 Datasheet
925Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS844003I-01 ICST-ICS844003I-01 Datasheet
194Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002I-01 ICST-ICS844002I-01 Datasheet
163Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com