Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS844021I-01 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS844021I-01
Description  FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS844021I-01 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS844021I-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS844021I-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS844021I-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS844021I-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS844021I-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS844021I-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS844021I-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS844021I-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS844021I-01 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
844021AGI-01
www.icst.com/products/hiperclocks.html
REV. A MARCH 29, 2005
8
Integrated
Circuit
Systems, Inc.
ICS844021I-01
FEMTOCLOCKS™CRYSTAL-TO- LVDS
CLOCK GENERATOR
PRELIMINARY
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS844021I-01 is: 2533
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE FOR 8 LEAD TSSOP
θθθθθ
JA by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
101.7°C/W
90.5°C/W
89.8°C/W


Similar Part No. - ICS844021I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844021I-01 IDT-ICS844021I-01 Datasheet
272Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
More results

Similar Description - ICS844021I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844011I ICST-ICS844011I Datasheet
159Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
logo
Integrated Device Techn...
ICS844021I-01 IDT-ICS844021I-01 Datasheet
272Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS844001I ICST-ICS844001I Datasheet
162Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
ICS844023I ICST-ICS844023I Datasheet
153Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
ICS844251I-15 ICST-ICS844251I-15 Datasheet
186Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
ICS844252-04 ICST-ICS844252-04 Datasheet
165Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Integrated Device Techn...
ICS844071 IDT-ICS844071 Datasheet
1Mb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS844051I ICST-ICS844051I Datasheet
204Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
ICS844071I ICST-ICS844071I Datasheet
168Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
logo
Integrated Device Techn...
ICS844008I-46 IDT-ICS844008I-46 Datasheet
317Kb / 15P
   FEMTOCLOCKS CRYSTAL-TO-LVDS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com