Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS18003 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS18003
Description  Low EMI Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS18003 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS18003 Datasheet HTML 1Page - Integrated Circuit Systems ICS18003 Datasheet HTML 2Page - Integrated Circuit Systems ICS18003 Datasheet HTML 3Page - Integrated Circuit Systems ICS18003 Datasheet HTML 4Page - Integrated Circuit Systems ICS18003 Datasheet HTML 5Page - Integrated Circuit Systems ICS18003 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LOW EMI CLOCK GENERATOR
ICS180-03
MDS 180-03 A
3
Revision 110404
Integrated Circ uit Systems l 52 5 Race Stre et, San Jose, CA 95 126 l te l (4 08) 297 -1 201 l
www.icst.com
External Components
The ICS180-03 requires a minimum number of external
components for proper operation.
Decoupling Capacitor
A decoupling capacitor of 0.01µF must be connected
between VDD and GND on pins 6 and 3, as close to
these pins as possible. For optimum device
performance, the decoupling capacitor should be
mounted on the component side of the PCB. Avoid the
use of vias in the decoupling circuit.
Series Termination Resistor
When the PCB trace between the clock output and the
load is over 1 inch, series termination should be used.
To series terminate a 50
Ω trace (a commonly used
trace impedance) place a 33
Ω resistor in series with
the clock line, as close to the clock output pin as
possible. The nominal impedance of the clock output is
20
Ω.
value of these capacitors is given by the following
equation:
PCB Layout Recommendations
For optimum device performance and lowest output
phase noise, the following guidelines should be
observed.
1) The 0.01µF decoupling capacitor should be mounted
on the component side of the board as close to the
VDD pin as possible. No vias should be used between
the decoupling capacitor and VDD pin. The PCB trace
to VDD pin should be kept as short as possible, as
should the PCB trace to the ground via.
2) To minimize EMI the 33
Ω series termination resistor,
if needed, should be placed close to the clock output.
3) An optimum layout is one with all components on the
same side of the board, minimizing vias through other
signal layers. Other signal traces should be routed
away from the ICS180-03. This includes signal traces
just underneath the device, or on layers adjacent to the
ground plane layer used by the device.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS180-03. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.135
+5.5
V


Similar Part No. - ICS18003

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
   Low EMI Clock Generator
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
   Low EMI Clock Generator
More results

Similar Description - ICS18003

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
   Low EMI Clock Generator
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
   LOW EMI CLOCK GENERATOR
031109
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
   Low EMI Clock Generator
ICS18101 ICST-ICS18101 Datasheet
103Kb / 7P
   Low EMI Clock Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com