Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS180M-01LFT Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS180M-01LFT
Description  Low EMI Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS180M-01LFT Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS180M-01LFT Datasheet HTML 1Page - Integrated Circuit Systems ICS180M-01LFT Datasheet HTML 2Page - Integrated Circuit Systems ICS180M-01LFT Datasheet HTML 3Page - Integrated Circuit Systems ICS180M-01LFT Datasheet HTML 4Page - Integrated Circuit Systems ICS180M-01LFT Datasheet HTML 5Page - Integrated Circuit Systems ICS180M-01LFT Datasheet HTML 6Page - Integrated Circuit Systems ICS180M-01LFT Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LOW EMI CLOCK GENERATOR
ICS180-01
MDS 180-01 B
7
Revision 050405
Integrated Circ uit Systems l 52 5 Race Stre et, San Jose, CA 95 126 l te l (4 08) 297 -1 201 l
www.icst.com
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS180M-01
see page 6
Tubes
8-pin SOIC
0 to +70
° C
ICS180M-01T
Tape and Reel
8-pin SOIC
0 to +70
° C
ICS180M-01LF
Tubes
8-pin SOIC
0 to +70
° C
ICS180M-01LFT
Tape and Reel
8-pin SOIC
0 to +70
° C
ICS180MI-01
see page 6
Tubes
8-pin SOIC
-40 to +85
° C
ICS180MI-01T
Tape and Reel
8-pin SOIC
-40 to +85
° C
ICS180MI-01LF
Tubes
8-pin SOIC
-40 to +85
° C
ICS180MI-01LFT
Tape and Reel
8-pin SOIC
-40 to +85
° C
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.330.51.013
.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.250.50.010
.020
L
0.401.27.016
.050
α
0
°
8
°
0
°
8
°


Similar Part No. - ICS180M-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS180M-02 ICST-ICS180M-02 Datasheet
100Kb / 6P
   Low EMI Clock Generator
ICS180M-02LF ICST-ICS180M-02LF Datasheet
100Kb / 6P
   Low EMI Clock Generator
ICS180M-02LFT ICST-ICS180M-02LFT Datasheet
100Kb / 6P
   Low EMI Clock Generator
ICS180M-02T ICST-ICS180M-02T Datasheet
100Kb / 6P
   Low EMI Clock Generator
ICS180M-03 ICST-ICS180M-03 Datasheet
99Kb / 6P
   Low EMI Clock Generator
More results

Similar Description - ICS180M-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
   Low EMI Clock Generator
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
   LOW EMI CLOCK GENERATOR
031109
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
   Low EMI Clock Generator
ICS18003 ICST-ICS18003 Datasheet
99Kb / 6P
   Low EMI Clock Generator
ICS18101 ICST-ICS18101 Datasheet
103Kb / 7P
   Low EMI Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com