Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7152M-11 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # 7152M-11
Description  Spread Spectrum Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

7152M-11 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  7152M-11 Datasheet HTML 1Page - Integrated Circuit Systems 7152M-11 Datasheet HTML 2Page - Integrated Circuit Systems 7152M-11 Datasheet HTML 3Page - Integrated Circuit Systems 7152M-11 Datasheet HTML 4Page - Integrated Circuit Systems 7152M-11 Datasheet HTML 5Page - Integrated Circuit Systems 7152M-11 Datasheet HTML 6Page - Integrated Circuit Systems 7152M-11 Datasheet HTML 7Page - Integrated Circuit Systems 7152M-11 Datasheet HTML 8Page - Integrated Circuit Systems 7152M-11 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Spread Spectrum Clock Generator
MDS 7152 E
2
Revision 012306
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS7152
Pin Assignment
Modulation Enable Setting Table
SEL Modulation Rate Setting Table
Frequency Setting Table
Pin Descriptions
XENS
Pin 8
Spread Spectrum
0ON
1OFF
XENS
XOUT
GND
FREQ
SEL
CKOUT
VDD
XIN
1
2
3
4
8
7
6
5
8 pin (150 mil) SOIC
SEL
Pin 4
(note1)
Spread
Direction
Spread
Percentage (%)
Part Number
0
Center
±0.5
ICS7152M-11,
ICS7152M-12
Down
-1.0
ICS7152M-01,
ICS7152M-02
1
Center
±1.5
ICS7152M-11,
ICS7152M-12
Down
-3.0
ICS7152M-01,
ICS7152M-02
FREQ
Pin 7
Frequency
0
16.6 to 40 MHz
ICS7152M-01,
ICS7152M-11
40 to 80 MHz
ICS7152M-02,
ICS7152M-12
1
33 to 67 MHz
ICS7152M-01,
ICS7152M-11
66 to 134 MHz
ICS7152M-02,
ICS7152M-12
Pin
Number
Pin
Name
Pin Type
Pin Description
1
XIN
Input
Crystal resonator connection pin/clock input pin.
2
XOUT
Output
Crystal resonator connection pin.
3
GND
Power
Connect to ground.
4
SEL
Input
Modulation rate setting pin.
5
CKOUT
Output
Modulated clock output pin.
6
VDD
Power
Connect to +3.3 V.
7
FREQ
Input
Frequency setting pin.
8
XENS
Output
Modulation enable setting pin.


Similar Part No. - 7152M-11

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7152 POMONA-7152 Datasheet
113Kb / 1P
   Cable Mounted 쩌??Phone Plugs and Jack
logo
List of Unclassifed Man...
71520 ETC1-71520 Datasheet
199Kb / 1P
   The ideal multi-purpose bits for all around quality and performance
71521 ETC2-71521 Datasheet
346Kb / 1P
   Dura Torsion Insert and Power Bits
71522 ETC2-71522 Datasheet
346Kb / 1P
   Dura Torsion Insert and Power Bits
71525 ETC1-71525 Datasheet
199Kb / 1P
   The ideal multi-purpose bits for all around quality and performance
More results

Similar Description - 7152M-11

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com