Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853054AGLFT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS853054AGLFT
Description  4:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853054AGLFT Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS853054AGLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS853054AGLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS853054AGLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS853054AGLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS853054AGLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS853054AGLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS853054AGLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS853054AGLFT Datasheet HTML 9Page - Integrated Circuit Systems ICS853054AGLFT Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Integrated
Circuit
Systems, Inc.
853054AG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 5, 2006
6
ICS853054
4:1, DIFFERENTIAL-TO-3.3V OR 2.5V
LVPECL/ECL CLOCK MULTIPLEXER
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
PROPAGATION DELAY
DIFFERENTIAL INPUT LEVEL
OUTPUT LOAD AC TEST CIRCUIT
PART-TO-PART SKEW
OUTPUT RISE/FALL TIME
nQx
Qx
nQy
Qy
PART 1
PART 2
tsk(pp)
V
CMR
Cross Points
V
PP
V
EE
V
CC
Clock
Outputs
20%
80%
80%
20%
tR
t F
VOD
t
PD
nPCLK0:3
PCLK0:3
nQ
Q
SCOPE
Qx
nQx
LVPECL
2V
V
CC
V
EE
nPCLK0:3
PCLK0:3
-1.465V to -0.375V


Similar Part No. - ICS853054AGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853052 ICST-ICS853052 Datasheet
232Kb / 13P
   DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853052 IDT-ICS853052 Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Integrated Circuit Syst...
ICS853052AG ICST-ICS853052AG Datasheet
232Kb / 13P
   DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853052AG IDT-ICS853052AG Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
ICS853052AGLF IDT-ICS853052AGLF Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
More results

Similar Description - ICS853054AGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
   8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
   8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
853S057 RENESAS-853S057 Datasheet
696Kb / 16P
   4:1, Differential-To-3.3V, 2.5V LVPECL/ECL Clock Data Multiplexer
AUGUST 13, 2021
logo
Integrated Circuit Syst...
ICS85357-01 ICST-ICS85357-01 Datasheet
120Kb / 12P
   4:1 OR 2:1 DIFFERENTIAL-TO-3.3V LVPECL / ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
   2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
ICS853S012I RENESAS-ICS853S012I Datasheet
1Mb / 21P
   12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer
August 23, 2017
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
   2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
87332I-01 RENESAS-87332I-01 Datasheet
531Kb / 15P
   ÷2, Differential-to-2.5V/3.3V ECL/LVPECL Clock Generator
2/12/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com