Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853111AV-01LF Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS853111AV-01LF
Description  LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853111AV-01LF Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS853111AV-01LF Datasheet HTML 6Page - Integrated Circuit Systems ICS853111AV-01LF Datasheet HTML 7Page - Integrated Circuit Systems ICS853111AV-01LF Datasheet HTML 8Page - Integrated Circuit Systems ICS853111AV-01LF Datasheet HTML 9Page - Integrated Circuit Systems ICS853111AV-01LF Datasheet HTML 10Page - Integrated Circuit Systems ICS853111AV-01LF Datasheet HTML 11Page - Integrated Circuit Systems ICS853111AV-01LF Datasheet HTML 12Page - Integrated Circuit Systems ICS853111AV-01LF Datasheet HTML 13Page - Integrated Circuit Systems ICS853111AV-01LF Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
853111AV-01
www.icst.com/products/hiperclocks.html
REV. A APRIL 25, 2005
10
Integrated
Circuit
Systems, Inc.
ICS853111-01
LOW SKEW, 1-TO-9
DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
θθθθθ
JA
by Velocity (Linear Feet per Minute)
0
200
500
Multi-Layer PCB, JEDEC Standard Test Boards
37.8°C/W
31.1°C/W
28.3°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS853111-01.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS853111-01 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC = 3.8V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
Power (core)
MAX = VCC_MAX * IEE_MAX = 3.8V * 75mA = 285mW
Power (outputs)
MAX = 30.94mW/Loaded Output pair
If all outputs are loaded, the total power is 9 * 30.94mW = 278.5mW
Total Power
_MAX (3.8V, with all outputs switching) = 285mW + 278.5mW = 563.5mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockSTM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming a
moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 31.1°C/W per Table 5 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.564W * 31.1°C/W = 102°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).
TABLE 5. THERMAL RESISTANCE
θθθθθ
JA
FOR
28-PIN PLCC, FORCED CONVECTION


Similar Part No. - ICS853111AV-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853111AV-01LF IDT-ICS853111AV-01LF Datasheet
214Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
ICS853111AV-01LFT IDT-ICS853111AV-01LFT Datasheet
214Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
More results

Similar Description - ICS853111AV-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853111-01 IDT-ICS853111-01 Datasheet
214Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853031 ICST-ICS853031 Datasheet
241Kb / 19P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS853S031I RENESAS-ICS853S031I Datasheet
1Mb / 23P
   Low Skew, 1-to-9, Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS8531-01 ICST-ICS8531-01 Datasheet
145Kb / 13P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8531-01 RENESAS-8531-01 Datasheet
411Kb / 19P
   Low Skew, 1-to-9, Differential-to- 3.3V LVPECL Fanout Buffer
January 19, 2016
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
85311I RENESAS-85311I Datasheet
628Kb / 18P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
logo
Integrated Circuit Syst...
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
IDT8T33FS314I RENESAS-IDT8T33FS314I Datasheet
933Kb / 25P
   Low Skew, 1-to-4 Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com