Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853111A Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS853111A
Description  LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853111A Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS853111A Datasheet HTML 2Page - Integrated Circuit Systems ICS853111A Datasheet HTML 3Page - Integrated Circuit Systems ICS853111A Datasheet HTML 4Page - Integrated Circuit Systems ICS853111A Datasheet HTML 5Page - Integrated Circuit Systems ICS853111A Datasheet HTML 6Page - Integrated Circuit Systems ICS853111A Datasheet HTML 7Page - Integrated Circuit Systems ICS853111A Datasheet HTML 8Page - Integrated Circuit Systems ICS853111A Datasheet HTML 9Page - Integrated Circuit Systems ICS853111A Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
853111AY
www.icst.com/products/hiperclocks.html
REV. B MAY 14, 2004
6
Integrated
Circuit
Systems, Inc.
ICS853111A
LOW SKEW, 1-TO-10
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ADDITIVE PHASE JITTER
Input/Output Additive
Phase Jitter at 155.52MHz
= 0.03ps (typical)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
1k
10k
100k
1M
10M
100M
The spectral purity in a band at a specific offset from the funda-
mental compared to the power of the fundamental is called the
dBc Phase Noise. This value is normally expressed using a
Phase noise plot and is most often the specified plot in many
applications. Phase noise is defined as the ratio of the noise
power present in a 1Hz band at a specified offset from the fun-
damental frequency to the power value of the fundamental. This
ratio is expressed in decibels (dBm) or a ratio of the power in
As with most timing specifications, phase noise measurements
have issues. The primary issue relates to the limitations of the
equipment. Often the noise floor of the equipment is higher than
the noise floor of the device. This is illustrated above. The de-
the 1Hz band to the power in the fundamental. When the re-
quired offset is specified, the phase noise is called a
dBc value,
which simply means dBm at a specified offset from the funda-
mental. By investigating jitter in the frequency domain, we get a
better understanding of its effects on the desired application over
the entire time record of the signal. It is mathematically possible
to calculate an expected bit error rate given a phase noise plot.
vice meets the noise floor of what is shown, but can actually be
lower. The phase noise is dependant on the input source and
measurement equipment.
OFFSET FROM CARRIER FREQUENCY (HZ)


Similar Part No. - ICS853111A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853111A IDT-ICS853111A Datasheet
925Kb / 19P
   LOW SKEW, 1-TO-10, DIFFERENTIAL-TOLVPECL/ ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853111A02 ICST-ICS853111A02 Datasheet
207Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853111A02L ICST-ICS853111A02L Datasheet
207Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853111AV-01 ICST-ICS853111AV-01 Datasheet
230Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
ICS853111AV-01 IDT-ICS853111AV-01 Datasheet
214Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
More results

Similar Description - ICS853111A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS85310I-11 ICST-ICS85310I-11 Datasheet
190Kb / 16P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
85310I-11 IDT-85310I-11 Datasheet
289Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85310I-01 RENESAS-85310I-01 Datasheet
430Kb / 19P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
7/8/15
logo
Integrated Circuit Syst...
ICS85310I-01 ICST-ICS85310I-01 Datasheet
175Kb / 15P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
853S111B IDT-853S111B_16 Datasheet
451Kb / 25P
   Low Skew, 1-to-10, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
ICS853111B IDT-ICS853111B Datasheet
868Kb / 19P
   LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853111-02 ICST-ICS853111-02 Datasheet
207Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853111 ICST-ICS853111 Datasheet
138Kb / 13P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853111B ICST-ICS853111B Datasheet
217Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com