Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853111AY Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS853111AY
Description  LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853111AY Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS853111AY Datasheet HTML 1Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 2Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 3Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 4Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 5Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 6Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 7Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 8Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
853111AY
www.icst.com/products/hiperclocks.html
REV. B MAY 14, 2004
1
Integrated
Circuit
Systems, Inc.
ICS853111A
LOW SKEW, 1-TO-10
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
GENERAL DESCRIPTION
The ICS853111A is a low skew, high perfor-
mance 1-to-10 Differential-to-2.5V/3.3V LVPECL/
ECL Fanout Buffer and a member of the
HiPerClockS ™ family of High Performance
Clock Solutions from ICS. The ICS853111A
is character ized to operate from either a 2.5V, 3.3V or a
5V power supply. Guaranteed output and par t-to-par t
skew characteristics make the ICS853111A ideal for
those clock distribution applications demanding well de-
fined perfor mance and repeatability.
FEATURES
• 10 differential 2.5V/3.3V LVPECL / ECL outputs
• 2 selectable differential input pairs
• PCLKx, nPCLKx pairs can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Maximum output frequency: >3GHz
• Translates any single ended input signal to 3.3V
LVPECL levels with resistor bias on nPCLK input
• Output skew: 23ps (typical)
• Part-to-part skew: 85ps (typical)
• Propagation delay: 705ps (typical)
• Jitter, RMS: < 0.03ps (typical)
• LVPECL mode operating voltage supply range:
V
CC = 2.375V to 5.25V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -5.25V to -2.375V
• -40°C to 85°C ambient operating temperature
• Pin compatible with MC100EP111 and MC100LVEP111
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
24 23 22 21 20 19 18 17
1
2
3
4
5
6
7
8
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
VCCO
Q7
nQ7
Q8
nQ8
Q9
nQ9
VCCO
VCCO
nQ2
Q2
nQ1
Q1
nQ0
Q0
VCCO
ICS853111A
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Q8
nQ8
Q9
nQ9
PCLK0
nPCLK0
0
1
PCLK1
nPCLK1
CLK_SEL
V
BB


Similar Part No. - ICS853111AY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853111AY ICST-ICS853111AY Datasheet
138Kb / 13P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
ICS853111AY IDT-ICS853111AY Datasheet
925Kb / 19P
   LOW SKEW, 1-TO-10, DIFFERENTIAL-TOLVPECL/ ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853111AY-02 ICST-ICS853111AY-02 Datasheet
207Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853111AY-02LF ICST-ICS853111AY-02LF Datasheet
207Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853111AY-02LFT ICST-ICS853111AY-02LFT Datasheet
207Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
More results

Similar Description - ICS853111AY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS85310I-11 ICST-ICS85310I-11 Datasheet
190Kb / 16P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
85310I-11 IDT-85310I-11 Datasheet
289Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85310I-01 RENESAS-85310I-01 Datasheet
430Kb / 19P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
7/8/15
logo
Integrated Circuit Syst...
ICS85310I-01 ICST-ICS85310I-01 Datasheet
175Kb / 15P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
853S111B IDT-853S111B_16 Datasheet
451Kb / 25P
   Low Skew, 1-to-10, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
ICS853111B IDT-ICS853111B Datasheet
868Kb / 19P
   LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853111-02 ICST-ICS853111-02 Datasheet
207Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853111 ICST-ICS853111 Datasheet
138Kb / 13P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853111B ICST-ICS853111B Datasheet
217Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com