Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8422004AGIT Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS8422004AGIT
Description  FEMTOCLOCKS??LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8422004AGIT Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS8422004AGIT Datasheet HTML 4Page - Integrated Circuit Systems ICS8422004AGIT Datasheet HTML 5Page - Integrated Circuit Systems ICS8422004AGIT Datasheet HTML 6Page - Integrated Circuit Systems ICS8422004AGIT Datasheet HTML 7Page - Integrated Circuit Systems ICS8422004AGIT Datasheet HTML 8Page - Integrated Circuit Systems ICS8422004AGIT Datasheet HTML 9Page - Integrated Circuit Systems ICS8422004AGIT Datasheet HTML 10Page - Integrated Circuit Systems ICS8422004AGIT Datasheet HTML 11Page - Integrated Circuit Systems ICS8422004AGIT Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8422004AGI
www.icst.com/products/hiperclocks.html
REV. B NOVEMBER 14, 2005
8
Integrated
Circuit
Systems, Inc.
ICS8422004I
FEMTOCLOCKS™LVCMOS/CRYSTAL-TO-
LVHSTL FREQUENCY SYNTHESIZER
PRELIMINARY
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS8422004I provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD, VDDA, and VDDO
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required. Figure 1 illustrates how
a 10
Ω resistor along with a 10µF and a .01μF bypass
capacitor should be connected to each V
DDA.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
μF
.01
μF
3.3V or 2.5V
.01
μF
V
DD
CRYSTAL INPUT INTERFACE
The ICS8422004I has been characterized with 18pF parallel
resonant crystals. The capacitor values shown in Figure 2
Figure 2. CRYSTAL INPUt INTERFACE
below were determined using a 26.5625MHz 18pF parallel
resonant crystal and were chosen to minimize the ppm error.
ICS8422004I
C1
22p
X1
18pF Parallel Crystal
C2
22p
XTAL_OUT
XTAL_IN
INPUTS:
CRYSTAL INPUT:
For applications not requiring the use of the crystal oscillator
input, both XTAL_IN and XTAL_OUT can be left floating.
Though not required, but for additional protection, a 1k
Ω
resistor can be tied from XTAL_IN to ground.
TEST_CLK INPUT:
For applications not requiring the use of the test clock, it can
be left floating. Though not required, but for additional
protection, a 1k
Ω resistor can be tied from the TEST_CLK to
ground.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
LVCMOS CONTROL PINS:
All control pins have internal pull-ups or pull-downs;
additional resistance is not required but can be added for
additional protection. A 1k
Ω resistor can be used.
OUTPUTS:
LVHSTL OUTPUT
All unused LVHSTL outputs can be left floating. We
recommend that there is no trace attached. Both sides of the
differential output pair should either be left floating or
terminated.


Similar Part No. - ICS8422004AGIT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8422004AGI-01 ICST-ICS8422004AGI-01 Datasheet
194Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS8422004AGI-01LF ICST-ICS8422004AGI-01LF Datasheet
194Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS8422004AGI-01LFT ICST-ICS8422004AGI-01LFT Datasheet
194Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS8422004AGI-01T ICST-ICS8422004AGI-01T Datasheet
194Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS8422004AGIT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8422002I-01 ICST-ICS8422002I-01 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS8422004-01I ICST-ICS8422004-01I Datasheet
194Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS8422002I ICST-ICS8422002I Datasheet
193Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
   Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840021I ICST-ICS840021I Datasheet
186Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840051I ICST-ICS840051I Datasheet
210Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004 ICST-ICS840004 Datasheet
310Kb / 13P
   FEMTOCLOCKS CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com