Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8430252CG-45LFT Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS8430252CG-45LFT
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8430252CG-45LFT Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS8430252CG-45LFT Datasheet HTML 5Page - Integrated Circuit Systems ICS8430252CG-45LFT Datasheet HTML 6Page - Integrated Circuit Systems ICS8430252CG-45LFT Datasheet HTML 7Page - Integrated Circuit Systems ICS8430252CG-45LFT Datasheet HTML 8Page - Integrated Circuit Systems ICS8430252CG-45LFT Datasheet HTML 9Page - Integrated Circuit Systems ICS8430252CG-45LFT Datasheet HTML 10Page - Integrated Circuit Systems ICS8430252CG-45LFT Datasheet HTML 11Page - Integrated Circuit Systems ICS8430252CG-45LFT Datasheet HTML 12Page - Integrated Circuit Systems ICS8430252CG-45LFT Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
8430252CG-45
www.icst.com/products/hiperclocks.html
REV. B DECEMBER 9, 2005
11
Integrated
Circuit
Systems, Inc.
ICS8430252-45
FEMTOCLOCKS™CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
PRELIMINARY
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS8430252-45 is: 2070
TABLE 8.
θ
JA
VS
. AIR FLOW TABLE FOR 16 LEAD TSSOP
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
137.1°C/W
118.2°C/W
106.8°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
89.0°C/W
81.8°C/W
78.1°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.


Similar Part No. - ICS8430252CG-45LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843020-01 ICST-ICS843020-01 Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843020A01 ICST-ICS843020A01 Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843020AY-01 ICST-ICS843020AY-01 Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843020AY-01LF ICST-ICS843020AY-01LF Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843020AY-01LFT ICST-ICS843020AY-01LFT Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS8430252CG-45LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843256I IDT-843256I Datasheet
272Kb / 17P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003 IDT-843003 Datasheet
378Kb / 21P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843242 IDT-ICS843242 Datasheet
287Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843204I ICST-ICS843204I Datasheet
109Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002-01 ICST-ICS843002-01 Datasheet
238Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002 ICST-ICS843002 Datasheet
309Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com