Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3291 Datasheet(PDF) 10 Page - Peregrine Semiconductor Corp.

Part # PE3291
Description  1200 MHz / 550 MHz Dual Fractional-N FlexiPower??PLL for Frequency Synthesis
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3291 Datasheet(HTML) 10 Page - Peregrine Semiconductor Corp.

Back Button PE3291 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3291 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3291 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3291 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE3291 Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE3291 Datasheet HTML 11Page - Peregrine Semiconductor Corp. PE3291 Datasheet HTML 12Page - Peregrine Semiconductor Corp. PE3291 Datasheet HTML 13Page - Peregrine Semiconductor Corp. PE3291 Datasheet HTML 14Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Product Specification
PE3291
Page 10 of 15
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0009-04
│ UltraCMOS™ RFIC Solutions
X = don’t care condition
Table 10. foLD Programming Truth Table
foLD
Output State
C14
(PLL1F0)
C13
(PLL1LD)
C24
(PLL2F0)
C23
(PLL2LD)
Disabled1
0
0
0
0
PLL 1 Lock detect2 (LD1)
0
1
0
0
PLL2 Lock detect2 (LD2)
0
0
0
1
PLL1 / PLL2 Lock detect2
0
1
0
1
PLL1 Reference divider output (fc1)
1
X
0
0
PLL2 Reference divider output (fc2)
0
X
1
0
PLL1 Programmable divider output (fp1)
1
X
0
1
PLL2 Programmable divider output (fp2)
0
X
1
1
Serial data out
1
0
1
0
Reserved
1
0
1
1
Reserved
1
1
1
0
Counter reset3
1
1
1
1
Programming the FlexiPower voltage
The PE3291 can be programmed to internally regulate down from the VDD
voltage to supply the FlexiPower voltage, as shown in Table 11. This is
implemented by programming P2, P1 (S18 & S16 - address 1,0). When
programmed with 0,0 external voltage supplies must be provided to the
part at pins VDD1 and VDD2. When using internal regulation, the FlexiPower
supply pins should be left grounded.
Table 11. FlexiPower Voltage Regulation Programming
P2
P1 FlexiPower 1 voltage
(RF PLL1)
FlexiPower 2 voltage
(IF PLL2)
0
0
No regulation (FlexiPower externally provided)
0
1
Low power
Low power
1
0
High speed
Low power
1
1
High speed
High speed
Note: 1. When the foLD is disabled the output is a CMOS LOW.
2.
Lock detect indicates when the VCO frequency is in “lock”. When PLL1 is in lock and PLL1 lock detect is selected, the foLD pin will be HIGH
with narrow pulses LOW. When PLL2 is in lock and PLL2 lock detect is selected, the foLD pin will be HIGH with narrow pulses LOW. When
PLL1 / PLL2 lock detect is selected the foLD pin will be HIGH with narrow pulses LOW only when both PLL1 and PLL2 are in lock.
3.
The counter reset state when activated resets all counters. Upon removal of the reset, counters M, A, and F resume counting in close
alignment with the R counter (the maximum error is one prescaler cycle). The reset bits can be activated to allow smooth acquisition upon
powering up.


Similar Part No. - PE3291

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3291 PASTERNACK-PE3291 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG174A/U, SMA MALE TO N MALE
PE3291-12 PASTERNACK-PE3291-12 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG174A/U, SMA MALE TO N MALE
PE3291-24 PASTERNACK-PE3291-24 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG174A/U, SMA MALE TO N MALE
PE3291-36 PASTERNACK-PE3291-36 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG174A/U, SMA MALE TO N MALE
PE3291-48 PASTERNACK-PE3291-48 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG174A/U, SMA MALE TO N MALE
More results

Similar Description - PE3291

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3282A PEREGRINE-PE3282A Datasheet
213Kb / 14P
   1.1 GHz/510 MHz Dual Fractional-N PLL IC for Frequency Synthesis
logo
List of Unclassifed Man...
PE3293 ETC-PE3293 Datasheet
266Kb / 18P
   1.8GHz/550MHz Dual Fractional-N Ultra-Low Spurious PLL for Frequency Synthesis
logo
Analog Devices
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
logo
Fujitsu Component Limit...
MB15F8XUL FUJITSU-MB15F8XUL Datasheet
201Kb / 6P
   Fractional-N / Integer dual PLL Frequency Synthesizers
logo
KR Electronics, Inc.
2876 KR-2876 Datasheet
35Kb / 2P
   550 MHz Center Frequency
logo
Fuji Electric
E421371 FUJI-E421371 Datasheet
323Kb / 29P
   Fractional-N PLL Frequency Synthesizer
logo
Motorola, Inc
MC145181 MOTOROLA-MC145181 Datasheet
957Kb / 71P
   Dual 550/60 MHz PLL Frequency Synthesizer with DACs and Voltage Multiplier
logo
Fujitsu Component Limit...
MB15F88UL FUJITSU-MB15F88UL Datasheet
315Kb / 29P
   Fractional-N PLL Frequency Synthesizer
MB15F83UL FUJITSU-MB15F83UL Datasheet
304Kb / 29P
   Fractional-N PLL Frequency Synthesizer
MB15F86UL FUJITSU-MB15F86UL Datasheet
313Kb / 28P
   Fractional-N PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com