Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN6557 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN6557
Description  Dual Low Noise, High Slew Rate Operational Amplifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6557 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN6557 Datasheet HTML 1Page - Panasonic Semiconductor AN6557 Datasheet HTML 2Page - Panasonic Semiconductor AN6557 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
s Characteristics Curve
160
140
120
100
80
60
40
20
0
0
10 100 1k 10k
Frequency f (Hz)
100k 1M 10M 100M
GV– f
40
35
30
25
20
15
10
5
0
0
10
100
1k
10k
100k
1M
Frequency f (Hz)
VO (max.) – f
30
25
20
15
10
5
0
0
102030405060
Load Current IO (mA)
VO – IO
02468
10
12
14
16
Supply Voltage VCC (V)
VCC=–VEE
8
7
6
5
4
3
2
1
0
ICC –VCC
VCC=15V
VEE=–15V
RL=2k
Ta=25˚C
RL=2k
VCC=15V
VEE=–15V
RL=2k
VCC=15V
VEE=–15V
Ta=25˚C
200
100
3
5
10
20
30
50
0
10
100
1k
10k
Frequency f (Hz)
Vni – f
VCC=15V
VEE=–15V
Ta=25˚C
Supply Voltage VCC (V)
20
15
10
5
0
–5
–10
–15
–20
VO (max.) –VCC
02468
10
12
14
16
+
610
47
µF
+
100
µF
15V
–15V
+
100
µF
+–
0.47
µF
2.2
µF
220k
30k
330k
0.0024
µF 0.0082µF
+
+
OP. Amp.
Input
3.3
µF
56k
2.2k
RIAA Amplifier
s Application Circuit


Similar Part No. - AN6557

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6550 PANASONIC-AN6550 Datasheet
46Kb / 4P
   Dual Operational Amplifier
AN6551 PANASONIC-AN6551 Datasheet
39Kb / 4P
   Dual Operational Amplifier
logo
List of Unclassifed Man...
AN6551 ETC2-AN6551 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN6552 PANASONIC-AN6552 Datasheet
39Kb / 3P
   Dual Operational Amplifiers
logo
List of Unclassifed Man...
AN6552 ETC2-AN6552 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN6557

ManufacturerPart #DatasheetDescription
logo
Rohm
BA15532 ROHM-BA15532 Datasheet
56Kb / 4P
   Dual high slew rate, low noise operational amplifier
BA15218 ROHM-BA15218 Datasheet
60Kb / 5P
   Dual high slew rate, low noise operational amplifier
logo
E-CMOS Corporation
EC5602 E-CMOS-EC5602 Datasheet
855Kb / 12P
   High Slew Rate Rail-to-Rail Dual Operational Amplifiers
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Rohm
BA4560 ROHM-BA4560 Datasheet
53Kb / 4P
   Dual high slew rate operational amplifier
logo
Shenzhen Huazhimei Semi...
HM721 HMSEMI-HM721 Datasheet
2Mb / 13P
   12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com