Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3240EK Datasheet(PDF) 7 Page - Peregrine Semiconductor Corp.

Part # PE3240EK
Description  2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3240EK Datasheet(HTML) 7 Page - Peregrine Semiconductor Corp.

Back Button PE3240EK Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3240EK Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3240EK Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3240EK Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3240EK Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3240EK Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3240EK Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE3240EK Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE3240EK Datasheet HTML 11Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Product Specification
PE3240
Page 7 of 12
Document No. 70-0034-02
│ www.psemi.com
©2006 Peregrine Semiconductor Corp. All rights reserved.
Functional Description
The PE3240 consists of a prescaler, counters, a
phase detector and control logic. The dual
modulus prescaler divides the VCO frequency by
either 10 or 11, depending on the value of the
modulus select. Counters “R” and “M” divide the
reference and prescaler output, respectively, by
integer values stored in a 20-bit register.
An
additional counter (“A”) is used in the modulus
select logic.
The phase-frequency detector generates up and
down frequency control signals. Data is written
into the internal registers via the three wire serial
bus. There are also various operational and test
modes and a lock detect output.
Figure 6. Functional Block Diagram
Control
Logic
Modulus
Select
10/11
Prescaler
M Counter
(9-bit)
R Counter
(6-bit)
Phase
Detector
2 k
PD_U
PD_D
LD
Cext
R(5:0)
M(8:0)
A(3:0)
Sdata
Control
Pins
fr
Fin
Fin
fc
fp


Similar Part No. - PE3240EK

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3240 PASTERNACK-PE3240 Datasheet
136Kb / 1P
   CABLE ASSEMBLY, RG142B/U, BNC MALE TO SMC PLUG
PE3240-12 PASTERNACK-PE3240-12 Datasheet
136Kb / 1P
   CABLE ASSEMBLY, RG142B/U, BNC MALE TO SMC PLUG
PE3240-24 PASTERNACK-PE3240-24 Datasheet
136Kb / 1P
   CABLE ASSEMBLY, RG142B/U, BNC MALE TO SMC PLUG
PE3240-36 PASTERNACK-PE3240-36 Datasheet
136Kb / 1P
   CABLE ASSEMBLY, RG142B/U, BNC MALE TO SMC PLUG
PE3240-48 PASTERNACK-PE3240-48 Datasheet
136Kb / 1P
   CABLE ASSEMBLY, RG142B/U, BNC MALE TO SMC PLUG
More results

Similar Description - PE3240EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3239 PEREGRINE-PE3239 Datasheet
214Kb / 12P
   2.2 GHz Integer-N PLL for Low Phase Noise Applications
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
   1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3335 PEREGRINE-PE3335 Datasheet
235Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3340 PEREGRINE-PE3340 Datasheet
141Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE3339 PEREGRINE-PE3339 Datasheet
143Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE3236 PEREGRINE-PE3236 Datasheet
252Kb / 15P
   2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
PE83336 PEREGRINE-PE83336 Datasheet
277Kb / 14P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE83336 PSEMI-PE83336 Datasheet
338Kb / 12P
   3000 MHz UltraCMOS Integer-N PLL For Low Phase Noise Applications Military Operating Temperature Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com