Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3291EK Datasheet(PDF) 7 Page - Peregrine Semiconductor Corp.

Part # PE3291EK
Description  1200 MHz / 550 MHz Dual Fractional-N FlexiPower??PLL for Frequency Synthesis
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3291EK Datasheet(HTML) 7 Page - Peregrine Semiconductor Corp.

Back Button PE3291EK Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3291EK Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3291EK Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3291EK Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3291EK Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3291EK Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3291EK Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE3291EK Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE3291EK Datasheet HTML 11Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Product Specification
PE3291
Page 7 of 15
Document No. 70-0009-04
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
Functional Description
The Functional Block Diagram in Figure 7 shows a
21-bit serial control register, a multiplexed output,
and PLL sections PLL1 and PLL2. Each PLL
contains a fractional-N main counter chain, a
reference counter, a phase detector, and an
internal charge pump with on-chip fractional spur
compensation. Each fractional-N main counter
chain includes an internal dual modulus prescaler,
supporting counters, and a fractional accumulator.
Serial input data is clocked on the rising edge of
Clock, MSB first. The last two bits are the address
bits that determine the register address. Data is
transferred into the counters as shown in Table 8,
PE3291 Register Set. If the foLD pin is configured
as data out, then the contents of shift register bit
S20 are clocked on the falling edge of Clock onto
the foLD pin. This feature allows the PE3291 and
compatible devices to be connected in a daisy-
chain configuration.
The PLL1 (RF) VCO frequency fin1 is related to
the reference frequency fr by the following
equation:
fin1 = [(32 x M1) + A1 + (F1/32)] x (fr/R1)
(1) Note that A1 must be less than M1. Also, fin1
must be greater than or equal to 1024 x (fr/R1) to
obtain contiguous channels.
The PLL2 (IF) VCO frequency fin2 is related to the
reference frequency fr by the following equation:
fin2 = [(16 x M2) + A2 + (F2/32)] x (fr/R2)
(2) Note that A2 must be less than M2. Also, fin2
must be greater than or equal to 256 x (fr/R2) to
obtain contiguous channels.
F1 sets PLL1 fractionality. If F1 is an even number,
the PE3291 automatically reduces the fraction.
For example, if F1 = 12, then the fraction 12/32 is
automatically reduced to 3/8. In this way,
fractional denominators of 2, 4, 8, 16 and 32 are
available. F2 sets the fractionality for PLL2 in the
same manner.
Figure 7. Functional Block Diagram
32/33
Prescaler
f
in1
Fractional Spur
Compensation
Fractional Spur
Compensation
9-bit Reference
Divider
9-bit Reference
Divider
21-bit Serial Control
Interface
Ref.
Amp.
f
r
Clock
Data
LE
f
in2
16/17
Prescaler
f
oLD
CP1
CP2
Phase
Detector
Phase
Detector
Charge
Pump
Charge
Pump
Multiplexer
A
1 Counter
0<A
1<31
A
2 Counter
0<A
2<15
Prescaler
Control Logic
Prescaler
Control Logic
M
1 Counter
3<M
1<511
M
2 Counter
3<M
2<511
F
2 Counter
0<F
2<31
F
1 Counter
0<F
1<31
R
2
9
R
1
9
M
2
9
F
2
5
A
2
4
A
1
5
M
1
9
F
1
5
C
22
C
21
C
11
C
12
P
1
P
2
P
1
P
2
C
22
C
22
C
22
C
22


Similar Part No. - PE3291EK

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3291 PASTERNACK-PE3291 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG174A/U, SMA MALE TO N MALE
PE3291-12 PASTERNACK-PE3291-12 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG174A/U, SMA MALE TO N MALE
PE3291-24 PASTERNACK-PE3291-24 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG174A/U, SMA MALE TO N MALE
PE3291-36 PASTERNACK-PE3291-36 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG174A/U, SMA MALE TO N MALE
PE3291-48 PASTERNACK-PE3291-48 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG174A/U, SMA MALE TO N MALE
More results

Similar Description - PE3291EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3282A PEREGRINE-PE3282A Datasheet
213Kb / 14P
   1.1 GHz/510 MHz Dual Fractional-N PLL IC for Frequency Synthesis
logo
List of Unclassifed Man...
PE3293 ETC-PE3293 Datasheet
266Kb / 18P
   1.8GHz/550MHz Dual Fractional-N Ultra-Low Spurious PLL for Frequency Synthesis
logo
Analog Devices
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
logo
Fujitsu Component Limit...
MB15F8XUL FUJITSU-MB15F8XUL Datasheet
201Kb / 6P
   Fractional-N / Integer dual PLL Frequency Synthesizers
logo
KR Electronics, Inc.
2876 KR-2876 Datasheet
35Kb / 2P
   550 MHz Center Frequency
logo
Fuji Electric
E421371 FUJI-E421371 Datasheet
323Kb / 29P
   Fractional-N PLL Frequency Synthesizer
logo
Motorola, Inc
MC145181 MOTOROLA-MC145181 Datasheet
957Kb / 71P
   Dual 550/60 MHz PLL Frequency Synthesizer with DACs and Voltage Multiplier
logo
Fujitsu Component Limit...
MB15F88UL FUJITSU-MB15F88UL Datasheet
315Kb / 29P
   Fractional-N PLL Frequency Synthesizer
MB15F83UL FUJITSU-MB15F83UL Datasheet
304Kb / 29P
   Fractional-N PLL Frequency Synthesizer
MB15F86UL FUJITSU-MB15F86UL Datasheet
313Kb / 28P
   Fractional-N PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com