Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3335-00 Datasheet(PDF) 7 Page - Peregrine Semiconductor Corp.

Part # 3335-00
Description  3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3335-00 Datasheet(HTML) 7 Page - Peregrine Semiconductor Corp.

Back Button 3335-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 3335-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 3335-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 3335-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3335-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 3335-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 3335-00 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 3335-00 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 3335-00 Datasheet HTML 11Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Product Specification
PE3335
Page 7 of 15
Document No. 70-0049-02
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
Functional Description
The PE3335 consists of a prescaler, counters, a
phase detector, a charge pump and control logic.
The dual modulus prescaler divides the VCO
frequency by either 10 or 11, depending on the
value of the modulus select. Counters “R” and “M”
divide the reference and prescaler output,
respectively, by integer values stored in a 20-bit
register.
An additional counter (“A”) is used in
the modulus select logic. The phase-frequency
detector generates up and down frequency control
signals. The control logic includes a selectable
chip interface. Data can be written via serial bus,
parallel bus, or hardwired direct to the pins. There
are also various operational and test modes and
lock detect.
Figure 3. Functional Block Diagram
Control
Logic
Modulus
Select
10/11
Prescaler
M Counter
(9-bit)
R Counter
(6-bit)
Phase
Detector
2 k
fc
PD_U
PD_D
LD
Cext
fp
R(5:0)
M(8:0)
A(3:0)
D(7:0)
Sdata
Control
Pins
fr
Fin
Charge
Pump
CP
Fin


Similar Part No. - 3335-00

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3335-1017 KR-3335-1017 Datasheet
74Kb / 3P
   KR Electronics part number 3335-1017 is a 1017 MHz Bandpass filter.
3335-1159 KR-3335-1159 Datasheet
75Kb / 3P
   KR Electronics part number 3335-1159 is a 1159 MHz Bandpass filter.
More results

Similar Description - 3335-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
   1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE83336 PSEMI-PE83336 Datasheet
338Kb / 12P
   3000 MHz UltraCMOS Integer-N PLL For Low Phase Noise Applications Military Operating Temperature Range
logo
Peregrine Semiconductor...
PE3236 PEREGRINE-PE3236 Datasheet
252Kb / 15P
   2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE3240 PEREGRINE-PE3240 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com