Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3339-00 Datasheet(PDF) 10 Page - Peregrine Semiconductor Corp.

Part # 3339-00
Description  3.0 GHz Integer-N PLL for Low Phase Noise Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3339-00 Datasheet(HTML) 10 Page - Peregrine Semiconductor Corp.

Back Button 3339-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 3339-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 3339-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3339-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 3339-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 3339-00 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 3339-00 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 3339-00 Datasheet HTML 11Page - Peregrine Semiconductor Corp. 3339-00 Datasheet HTML 12Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PE3339
Advance Information
Copyright
© Peregrine Semiconductor Corp. 2004
File No. 70/0048~02A
|
UTSi ® CMOS RFIC SOLUTIONS
Page 10 of 12
1.10 MAX
FRONT VIEW
0.30 MAX
0.10
C B A
0.10 C
0.10±0.05
- C -
0.65BSC
1
20
4.40±0.10
.20 C B A
- A -
27
10
- B -
11
19
14
TOP VIEW
6.40
1.00
1.00
3.20
0.90±0.05
SIDE VIEW
3
18
4
17
5
16
89
6
15
13
12
6.50±0.10
Ø1.00±0.10
2X
0.325
R 0.90 MIN
1.0 REF
0.60
+.15
-.10
R 0.90 MIN
0o
8o
12o REF
12o REF
0.20
0.25
GAGE
PLANE
Figure 6. Package Drawing
20-lead TSSOP (JEDEC MO-153-AC)


Similar Part No. - 3339-00

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3339 BOURNS-3339 Datasheet
127Kb / 1P
   5/16 Round Trimming Potentiometer
3339 BOURNS-3339 Datasheet
138Kb / 1P
   5/16 ??Round Trimpot짰 Trimming Potentiometer
logo
Heyco.
3339 HEYCO-3339 Datasheet
85Kb / 1P
   Tension Wire Clips - Vinyl U Style
logo
Motorola, Inc
33390 MOTOROLA-33390 Datasheet
450Kb / 16P
   Class B Serial Transceiver
logo
Freescale Semiconductor...
33390 FREESCALE-33390 Datasheet
416Kb / 15P
   Class B Serial Transceiver
More results

Similar Description - 3339-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3340 PEREGRINE-PE3340 Datasheet
141Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE83336 PEREGRINE-PE83336 Datasheet
277Kb / 14P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE3239 PEREGRINE-PE3239 Datasheet
214Kb / 12P
   2.2 GHz Integer-N PLL for Low Phase Noise Applications
PE3240 PEREGRINE-PE3240 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE9702 PEREGRINE-PE9702 Datasheet
278Kb / 14P
   3.0 GHz Integer-N PLL for Rad Hard Applications
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
   1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3335 PEREGRINE-PE3335 Datasheet
235Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE3236 PEREGRINE-PE3236 Datasheet
252Kb / 15P
   2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com