Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3342 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # PE3342
Description  2.7 GHz Integer-N PLL with Field-Programmable EEPROM Features
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3342 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

Back Button PE3342 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Product Specification
PE3342
Page 6 of 17
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0091-03
│ UltraCMOS™ RFIC Solutions
Functional Description
The PE3342 consists of a dual modulus prescaler,
three programmable counters, a phase detector
and control logic with EEPROM memory (see
Figure 1).
The dual modulus prescaler divides the VCO
frequency by either 10 or 11, depending on the
state of the internal modulus select logic. The R
and M counters divide the reference and prescaler
outputs by integer values stored in one of three
selectable registers. The modulus select logic
uses the 4-bit A counter.
The phase-frequency detector generates up and
down frequency control signals and are also used
to enable a lock detect circuit.
Frequency control data is loaded into the device
via the Serial Data Port, and can be placed in
three separate frequency registers. One of these
registers (EE register) is used to load from and
write to the non-volatile 20-bit EEPROM.
Various operational and test modes are available
through the enhancement register, which is only
accessible through the Serial Data Port (it cannot
be loaded from the EEPROM).
Main Counter Chain
The main counter chain divides the RF input
frequency, Fin, by an integer derived from the
user-defined values in the M and A counters. It
operates in two modes:
High Frequency Mode
Setting PB (prescaler bypass) LOW enables the
÷10/11 prescaler, providing operation to 2.7 GHz.
In this mode, the output from the main counter
chain, fp, is related to the VCO frequency, Fin, by
the following equation:
fp = Fin / [10 x (M + 1) + A]
(1)
where 0
≤ A ≤ 15 and A ≤ M + 1; 1 ≤ M ≤ 511
When the loop is locked, Fin is related to the
reference frequency, fr, by the following equation:
Fin = [10 x (M + 1) + A] x (fr / (R+1))
(2)
where 0
≤ A ≤ 15 and A ≤ M + 1; 1 ≤ M ≤ 511
A consequence of the upper limit on A is that Fin
must be greater than or equal to 90 x (fr / (R+1)) to
obtain contiguous channels. Programming the M
counter with the minimum value of 1 will result in a
minimum M counter divide ratio of 2.
Programming the M and A counters with their
maximum values provides a divide ratio of 5135.
Prescaler Bypass Mode
Setting the PB bit of a frequency register HIGH
allows Fin to bypass the ÷10/11 prescaler. In this
mode, the prescaler and A counter are powered
down, and the input VCO frequency is divided by
the M counter directly. The following equation
relates Fin to the reference frequency fr:
Fin = (M + 1) x (fr / (R+1))
(3)
where 1
≤ M ≤ 511
Reference Counter
The reference counter chain divides the reference
frequency, fr, down to the phase detector
comparison frequency, fc.
The output frequency of the 6-bit R Counter is
related to the reference frequency by the following
equation:
fc = fr / (R + 1)
(4)
where 0
≤ R ≤ 63
Note that programming R with 0 will pass the
reference frequency, fr, directly to the phase
detector.
Phase Detector
The phase detector is triggered by rising edges
from the main counter (fp) and the reference
counter (fc). It has two outputs, PD_U, and PD_D.
If the divided VCO leads the divided reference in
phase or frequency (fp leads fc), PD_D pulses
LOW. If the divided reference leads the divided
VCO in phase or frequency (fc leads fp), PD_U
pulses LOW. The width of either pulse is directly
proportional to the phase offset between the fp and
fc signals.


Similar Part No. - PE3342

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33420 PASTERNACK-PE33420 Datasheet
265Kb / 1P
   CABLE ASSEMBLY RG405/U SMA MALE TO TNC MALE
PE33420LF PASTERNACK-PE33420LF Datasheet
274Kb / 1P
   Cable Assembly
PE33421 PASTERNACK-PE33421 Datasheet
102Kb / 1P
   Cable Assembly
PE33421LF PASTERNACK-PE33421LF Datasheet
300Kb / 1P
   CABLE ASSEMBLY RG179B/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD(LEAD FREE)
PE33423 PASTERNACK-PE33423 Datasheet
102Kb / 1P
   CABLE ASSEMBLY RG216/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD
More results

Similar Description - PE3342

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3341 PEREGRINE-PE3341 Datasheet
280Kb / 17P
   2700 MHz Integer-N PLL with Field-Programmable EEPROM Features
logo
National Semiconductor ...
LMX2471 NSC-LMX2471 Datasheet
458Kb / 36P
   3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC1031MS8E HITTITE-HMC1031MS8E Datasheet
1Mb / 10P
   CLOCK GENERATOR WITH INTEGER-N PLL
logo
Texas Instruments
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com