Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3342 Datasheet(PDF) 11 Page - Peregrine Semiconductor Corp.

Part # PE3342
Description  2.7 GHz Integer-N PLL with Field-Programmable EEPROM Features
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3342 Datasheet(HTML) 11 Page - Peregrine Semiconductor Corp.

Back Button PE3342 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 11Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 12Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 13Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 14Page - Peregrine Semiconductor Corp. PE3342 Datasheet HTML 15Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Product Specification
PE3342
Page 11 of 17
Document No. 70-0091-03
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
Gross EEPROM Programming Timing Grid
Figure 7 shows a gross PE3342 EEPROM
programming timing grid although each individual
step has been described thoroughly in previous
sections. It starts with EE Register load, and then
together with other parameters a Vpp_ERASE
negative pulse is applied to Vpp pin to erase the
EEPROM contents and followed by a Vpp_WRITE
pulse for EEPROM write cycle. The separation
between the Vpp_ERASE and Vpp_WRITE pulse
has to be at least 100 ms if mechanical relays are
used to avoid both being on at the same time.
After EE programming, the contents of the
EEPROM cells can be verified by setting
Enhancement Register Bit 1. A procedure shown
in Figure 8 is applied twice. The first time is to
load the EE Register from EEPROM and the
second time is to shift out the EE Register
contents through Dout pin.
Figure 7. Gross PE3342 EEPROM Programming Timing Grid
Data
S_WR
Vpp_ERASE
Vpp_WRITE
0V
3V
0V
3V
0V
12.5V
0V
-8.5V
25 ms
25 ms
EE Register
load
EE PROM
Erase
EE PROM
Write
0V
40 ms
E_WR
0V
3V
EELoa
d
3V
EESel
0V
3V
Clock
0V
3V
Dout
0V
3V
>=100 ms
Rough time scale
The final set
of Dout is
EEPROM
content
Note: ENH/ ( Pin 3 in TSSOP or Pin 20 in QFN) is at
low (0) for this process.
EE Register
shifted out
through Dout
CHANNEL
CODE
ENH code set's
Dout mux to EE
EE Register
load from
EEPROM


Similar Part No. - PE3342

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33420 PASTERNACK-PE33420 Datasheet
265Kb / 1P
   CABLE ASSEMBLY RG405/U SMA MALE TO TNC MALE
PE33420LF PASTERNACK-PE33420LF Datasheet
274Kb / 1P
   Cable Assembly
PE33421 PASTERNACK-PE33421 Datasheet
102Kb / 1P
   Cable Assembly
PE33421LF PASTERNACK-PE33421LF Datasheet
300Kb / 1P
   CABLE ASSEMBLY RG179B/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD(LEAD FREE)
PE33423 PASTERNACK-PE33423 Datasheet
102Kb / 1P
   CABLE ASSEMBLY RG216/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD
More results

Similar Description - PE3342

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3341 PEREGRINE-PE3341 Datasheet
280Kb / 17P
   2700 MHz Integer-N PLL with Field-Programmable EEPROM Features
logo
National Semiconductor ...
LMX2471 NSC-LMX2471 Datasheet
458Kb / 36P
   3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC1031MS8E HITTITE-HMC1031MS8E Datasheet
1Mb / 10P
   CLOCK GENERATOR WITH INTEGER-N PLL
logo
Texas Instruments
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com