Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3340-00 Datasheet(PDF) 9 Page - Peregrine Semiconductor Corp.

Part # 3340-00
Description  3.0 GHz Integer-N PLL for Low Phase Noise Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3340-00 Datasheet(HTML) 9 Page - Peregrine Semiconductor Corp.

Back Button 3340-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 3340-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 3340-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3340-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 3340-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 3340-00 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 3340-00 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 3340-00 Datasheet HTML 11Page - Peregrine Semiconductor Corp. 3340-00 Datasheet HTML 12Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PE3340
Advance Information
PEREGRINE SEMICONDUCTOR CORP. ® | http://www.psemi.com
Copyright
© Peregrine Semiconductor Corp. 2004
Page 9 of 12
Enhancement Register
The functions of the enhancement register bits are shown below with all bits active “high”.
Table 9. Enhancement Register Bit Functionality
Bit Function
Description
Bit 0
Reserved**
Bit 1
Reserved**
Bit 2
fp output
Drives the M counter output onto the Dout output.
Bit 3
Power down
Power down of all functions except programming interface.
Bit 4
Counter load
Immediate and continuous load of counter programming.
Bit 5
MSEL output
Drives the internal dual modulus prescaler modulus select (MSEL) onto the Dout output.
Bit 6
fc output
Drives the reference counter output onto the Dout output
Bit 7
Reserved**
** Program to 0
Phase Detector
The phase detector is triggered by rising edges
from the main Counter (fp) and the reference
counter (fc). It has two outputs, namely PD_U, and
PD_D. If the divided VCO leads the divided
reference in phase or frequency (fp leads fc), PD_D
pulses “low”. If the divided reference leads the
divided VCO in phase or frequency (fc leads fp),
PD_U pulses “low”. The width of either pulse is
directly proportional to phase offset between the
two input signals, fp and fc.
The phase detector gain is equal to 2.70 V / 2
π,
which numerically yields 0.43 V / Radian.
PD_U and PD_D drive an active loop filter which
controls the VCO tune voltage. PD_U pulses result
in an increase in VCO frequency and PD_D results
in a decrease in VCO frequency, for a positive Kv
VCO.
A lock detect output, LD is also provided, via the pin
Cext. Cext is the logical “NAND” of PD_U and
PD_D waveforms, which is driven through a series
2 kohm resistor. Connecting Cext to an external
shunt capacitor provides low pass filtering of this
signal. Cext also drives the input of an internal
inverting comparator with an open drain output.
Thus LD is an “AND” function of PD_U and PD_D.


Similar Part No. - 3340-00

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3340-SMA KR-3340-SMA Datasheet
143Kb / 3P
   1700 MHzBandpass Filter
More results

Similar Description - 3340-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3339 PEREGRINE-PE3339 Datasheet
143Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE83336 PEREGRINE-PE83336 Datasheet
277Kb / 14P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE3239 PEREGRINE-PE3239 Datasheet
214Kb / 12P
   2.2 GHz Integer-N PLL for Low Phase Noise Applications
PE3240 PEREGRINE-PE3240 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE9702 PEREGRINE-PE9702 Datasheet
278Kb / 14P
   3.0 GHz Integer-N PLL for Rad Hard Applications
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
   1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3335 PEREGRINE-PE3335 Datasheet
235Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE3236 PEREGRINE-PE3236 Datasheet
252Kb / 15P
   2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com