Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3335EK Datasheet(PDF) 10 Page - Peregrine Semiconductor Corp.

Part # PE3335EK
Description  3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3335EK Datasheet(HTML) 10 Page - Peregrine Semiconductor Corp.

Back Button PE3335EK Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3335EK Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3335EK Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3335EK Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE3335EK Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE3335EK Datasheet HTML 11Page - Peregrine Semiconductor Corp. PE3335EK Datasheet HTML 12Page - Peregrine Semiconductor Corp. PE3335EK Datasheet HTML 13Page - Peregrine Semiconductor Corp. PE3335EK Datasheet HTML 14Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Product Specification
PE3335
Page 10 of 15
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0049-02
│ UltraCMOS™ RFIC Solutions
Figure 5. Serial Interface Mode Timing Diagram
Figure 4. Parallel Interface Mode Timing Diagram
t
DHLD
t
DSU
t
PW
t
CWR
t
WRC
t
PW
D
M1_WR
M2_WR
A_WR
E_WR
Hop_WR
[]0
:
7
t
DHLD
t
DSU
t
ClkH
t
ClkL
t
CWR
t
PW
t
WRC
t
EC
t
CE
E_WR
Sdata
Sclk
S_WR


Similar Part No. - PE3335EK

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33350 PASTERNACK-PE33350 Datasheet
278Kb / 1P
   Cable Assembly
PE33350LF PASTERNACK-PE33350LF Datasheet
287Kb / 1P
   CABLE ASSEMBLY RG178/U SMB PLUG RIGHT ANGLE TO SMB PLUG RIGHT ANGLE(LEAD FREE)
PE33352 PASTERNACK-PE33352 Datasheet
141Kb / 1P
   CABLE ASSEMBLY RG178B/U SMC PLUG TO SMC JACK BULKHEAD
PE33352LF PASTERNACK-PE33352LF Datasheet
138Kb / 1P
   CABLE ASSEMBLY RG178B/U SMC PLUG TO SMC JACK BULKHEAD
PE33356 PASTERNACK-PE33356 Datasheet
277Kb / 1P
   Cable Assembly
More results

Similar Description - PE3335EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
   1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE83336 PSEMI-PE83336 Datasheet
338Kb / 12P
   3000 MHz UltraCMOS Integer-N PLL For Low Phase Noise Applications Military Operating Temperature Range
logo
Peregrine Semiconductor...
PE3236 PEREGRINE-PE3236 Datasheet
252Kb / 15P
   2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE3240 PEREGRINE-PE3240 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com