Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3342-03 Datasheet(PDF) 10 Page - Peregrine Semiconductor Corp.

Part # 3342-03
Description  2.7 GHz Integer-N PLL with Field-Programmable EEPROM Features
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3342-03 Datasheet(HTML) 10 Page - Peregrine Semiconductor Corp.

Back Button 3342-03 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3342-03 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 3342-03 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 3342-03 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 3342-03 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 3342-03 Datasheet HTML 11Page - Peregrine Semiconductor Corp. 3342-03 Datasheet HTML 12Page - Peregrine Semiconductor Corp. 3342-03 Datasheet HTML 13Page - Peregrine Semiconductor Corp. 3342-03 Datasheet HTML 14Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Product Specification
PE3342
Page 10 of 17
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0091-03
│ UltraCMOS™ RFIC Solutions
t
EEPW
EELoad
S_WR
EESel
V
PP_ERASE
0V
t
EESU
t
EESU
-8.5V
t
VPP
t
VPP
t
EEPW
S_WR
V
PP_WRITE
0V
EESel
t
EESU
t
EESU
12.5V
0V
3V
EELoad
t
VPP
t
VPP
EEPROM Programming
Frequency control data that is present in the EE
Register can be written to the non-volatile
EEPROM. All 20 bits are written simultaneously
in a parallel operation. The EEPROM is
guaranteed for at least 100 erase/write cycles.
Erase Cycle
The EEPROM should be taken through an erase
cycle before writing data, since the write operation
performs a logical AND of the EEPROM’s current
contents with the data in the EE Register. Erasing
the EEPROM is accomplished by holding the
S_WR, EESel, and EELoad inputs HIGH, then
applying one ERASE programming voltage pulse
to the VPP input (see Table 13). The voltage
source for this operation must be capable of
supplying the EEPROM erase cycle current
(IPP_ERASE, Table 5). The timing diagram is
shown in Figure 5.
Write Cycle
Using the Serial Data Port, the EE Register is first
loaded with the desired data. The EEPROM is
then programmed with this data by taking the
S_WR input HIGH and EESel input LOW, then
applying one WRITE programming voltage pulse
to the VPP input. The voltage source for this
operation must be capable of supplying the
EEPROM write cycle current (IPP_WRITE, Table
5). The timing diagram of this operation is shown
in Figure 6. Programming is completed by taking
the EELoad input LOW.
Note that it is possible to erroneously overwrite
the EE Register with the EEPROM contents
before the write cycle begins by unneeded
manipulation of the EELoad bit (see Table 10 ).
Table 13. EEPROM Programming
Figure 5. EEPROM Erase Timing Diagram
S_WR
EESel
EELoad
VPP
Function
1
1
1
25ms @
−8.5V
Erase cycle
1
0
1
25ms @ +12.5V
Write cycle
Figure 6. EEPROM Write Timing Diagram


Similar Part No. - 3342-03

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3342-12 3M-3342-12 Datasheet
1Mb / 10P
   3M I/O Connector Mounting Options and Hardware
logo
KR Electronics, Inc.
3342-187.5-SMA KR-3342-187.5-SMA Datasheet
98Kb / 3P
   KR Electronics part number 3342-187.5-SMA is a 187.5 MHz bandpass filter
logo
3M Electronics
3342-22 3M-3342-22 Datasheet
1Mb / 10P
   3M I/O Connector Mounting Options and Hardware
logo
KR Electronics, Inc.
3342-312-SMA KR-3342-312-SMA Datasheet
98Kb / 3P
   KR Electronics part number 3342-312-SMA is a 312 MHz bandpass filter
logo
3M Electronics
3342-32 3M-3342-32 Datasheet
1Mb / 10P
   3M I/O Connector Mounting Options and Hardware
More results

Similar Description - 3342-03

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3341 PEREGRINE-PE3341 Datasheet
280Kb / 17P
   2700 MHz Integer-N PLL with Field-Programmable EEPROM Features
logo
National Semiconductor ...
LMX2471 NSC-LMX2471 Datasheet
458Kb / 36P
   3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC1031MS8E HITTITE-HMC1031MS8E Datasheet
1Mb / 10P
   CLOCK GENERATOR WITH INTEGER-N PLL
logo
Texas Instruments
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com