Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3511-02 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # 3511-02
Description  1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3511-02 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  3511-02 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 3511-02 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 3511-02 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 3511-02 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 3511-02 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 3511-02 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3511-02 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 3511-02 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Product Specification
PE3511
Page 5 of 9
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0106-06
│ www.psemi.com
Figure 6. Input Sensitivity
Figure 7. Device Current
Typical Performance Data: VDD = 3.0 V
Figure 8. Output Power


Similar Part No. - 3511-02

ManufacturerPart #DatasheetDescription
logo
Lumberg
3511-1 LUMBERG-3511-1 Datasheet
117Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3511-1 LUMBERG-3511-1 Datasheet
493Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3511-102 LUMBERG-3511-102 Datasheet
117Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3511-102 LUMBERG-3511-102 Datasheet
493Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3511-103 LUMBERG-3511-103 Datasheet
117Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
More results

Similar Description - 3511-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3501 PEREGRINE-PE3501 Datasheet
204Kb / 8P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE83511 PEREGRINE-PE83511_06 Datasheet
262Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
logo
Peregrine Semiconductor
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com