Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3502-52 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # 3502-52
Description  3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3502-52 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  3502-52 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 3502-52 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 3502-52 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 3502-52 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 3502-52 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 3502-52 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3502-52 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
Document No. 70-0046-04
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
VDD = 3.0 V, -40° C ≤ TA ≤ 85° C, unless otherwise specified
The PE3502 is a high performance monolithic UltraCMOS™
prescaler with a fixed divide ratio of 4. Its operating frequency
range is 1500 MHz to 3500 MHz. The PE3502 operates on a
nominal 3 V supply and draws only 12 mA. It is packaged in a
small 8-lead MSOP and is ideal for microwave PLL synthesis
solutions.
The PE3502 is manufactured in Peregrine’s patented Ultra
Thin Silicon (UTSi©) CMOS process, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
3500 MHz Low Power UltraCMOS™
Divide-by-4 Prescaler
Product Description
Figure 1. Functional Schematic Diagram
PE3502
Features
High-frequency operation: 1500 MHz
to 3500 MHz
Fixed divide ratio of 4
Low-power operation: 12 mA typical
@ 3 V across frequency
Small package: 8-lead MSOP
Table 1. Electrical Specifications (ZS = ZL = 50 Ω)
Figure 2. Package Type
8-lead MSOP
D
QB
Q
CLK
D
QB
Q
CLK
Pre-Amp
Output
Buffer
IN
OUT
Parameter
Minimum
Typical
Maximum
Units
Supply Voltage
2.85
3.0
3.15
V
Supply Current
12
17
mA
Input Frequency (FIN)
1500
3500
MHz
Input Power (PIN)
1500 MHz
≤ F
in ≤ 3200 MHz
-10
+5
dBm
3200 MHz < Fin ≤ 3500 MHz
0
+5
dBm
Output Power
-5
dBm


Similar Part No. - 3502-52

ManufacturerPart #DatasheetDescription
logo
Coto Technology
3502-05-1-0 COTO-3502-05-1-0 Datasheet
337Kb / 2P
   Low Thermal EMF Reed Relays
3502-05-1-1 COTO-3502-05-1-1 Datasheet
337Kb / 2P
   Low Thermal EMF Reed Relays
3502-05-5-0 COTO-3502-05-5-0 Datasheet
337Kb / 2P
   Low Thermal EMF Reed Relays
3502-05-5-1 COTO-3502-05-5-1 Datasheet
337Kb / 2P
   Low Thermal EMF Reed Relays
3502-05-7-0 COTO-3502-05-7-0 Datasheet
337Kb / 2P
   Low Thermal EMF Reed Relays
More results

Similar Description - 3502-52

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3501 PEREGRINE-PE3501 Datasheet
204Kb / 8P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3503 PEREGRINE-PE3503 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com