Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4125 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # PE4125
Description  High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4125 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE4125 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4125 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4125 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4125 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4125 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4125 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4125 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4125 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2006 Peregrine Semiconductor Corp. All rights reserved.
Product Specification
PE4125
Page 3 of 8
Document No. 70-0044-05
│ www.psemi.com
LO
IF
RF
Eval
Board
Sig
Gen
Sig
Gen
Hybrid
Tee
3 dB
PA
Sig
Gen
3 dB
Spectrum
Analyzer
3 dB
6 dB
6 dB
4125
Evaluation Kit
Figure 4. Evaluation Board Layout
Figure 5. Evaluation Board Schematic Diagram
Peregrine Specification 101/0054
Applications Support
If you have a problem with your evaluation kit or if
you have applications questions, please contact
applications support:
E-Mail: help@psemi.com (fastest response)
Phone: (858) 731-9400
Pin1
Figure 6. Evaluation Board Testing Block Diagram, 2-Tone Setup
T2, M/A-Com E-Series RF 1:1 Transformer ETC1-1-13
Table 4. Bill of Materials
PE4125
GND
IF2
IF1
GND
GND
RF
GND
LO
IF
T2
LO
RF
Reference
Value/Description
T2
M/A Com ETC1-1-13
U1 (Not Labeled)
PE4125 Mixer
R1
0Ω
J1, J2, J3
SMA Connector


Similar Part No. - PE4125

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4125 PASTERNACK-PE4125 Datasheet
228Kb / 3P
   SMA Male Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .481 inch Hole Spacing
PE4125 PASTERNACK-PE4125 Datasheet
322Kb / 3P
   SMA Male Connector Solder Attachment 2 Hole Flang Mount Solder Cup Terminal, .481 inch Hole Spacing
PE4125 PASTERNACK-PE4125_16 Datasheet
322Kb / 3P
   SMA Male Connector Solder Attachment 2 Hole Flang Mount Solder Cup Terminal, .481 inch Hole Spacing
More results

Similar Description - PE4125

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4124 PEREGRINE-PE4124 Datasheet
265Kb / 8P
   High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
PE4126 PEREGRINE-PE4126 Datasheet
269Kb / 8P
   High Linearity Quad MOSFET Mixer for DCS 1800 BTS
PE4134 PEREGRINE-PE4134 Datasheet
295Kb / 9P
   High Linearity Quad MOSFET Mixer for PCS & 3G BTS
PE4122 PEREGRINE-PE4122 Datasheet
260Kb / 8P
   UltraCMOS??High Linearity Quad MOSFET Mixer For PCS & 3G BTS
PE4135 PEREGRINE-PE4135 Datasheet
293Kb / 9P
   High Linearity UltraCMOS??Quad MOSFET Mixer
logo
List of Unclassifed Man...
MH203 ETC-MH203 Datasheet
140Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
logo
WJ Communication. Inc.
MH203-RFID WJCI-MH203-RFID Datasheet
153Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com