Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3503-51 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # 3503-51
Description  3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3503-51 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  3503-51 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 3503-51 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 3503-51 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 3503-51 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 3503-51 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 3503-51 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3503-51 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Product Specification
PE3503
Page 4 of 7
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0050-04
│ UltraCMOS™ RFIC Solutions
Figure 7. Test Circuit Block Diagram
Figure 8. High Frequency System Application
The wideband frequency of operation of the PE3503 makes it an ideal part for use in a
DBS downconverter system.
Signal Generator
Spectrum
Analyzer
PE3503
1
2
3
4
8
7
6
5
10 pF
15 pF
50 Ω
VDD
3 V +/- 0.15 V
1000 pF
100 pF
10 pF
10 nF
50 Ω
+
-
BPF
SAW
AGC
FM
DEMOD
PE3503
PE3291
LOW NOISE
PLL SYNTH
LPF
INPUT FROM
DBS 1 ST IF
BASEBAND
OUTPUT
DIVIDE-BY-8


Similar Part No. - 3503-51

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3503 ALLEGRO-3503 Datasheet
183Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
logo
Delta Electronics, Inc.
3503113700 DELTA-3503113700 Datasheet
1Mb / 10P
   THIS SPECIFICATION DEFINES MECHANICAL CHARACTERISTICS OF THE HEATSINK
3503125100 DELTA-3503125100 Datasheet
1Mb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE HEATSINK
3503125200 DELTA-3503125200 Datasheet
2Mb / 22P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
logo
List of Unclassifed Man...
35032 ETC2-35032 Datasheet
1Mb / 23P
   The Standard for Tools and Workbench Accessories
More results

Similar Description - 3503-51

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3501 PEREGRINE-PE3501 Datasheet
204Kb / 8P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3502 PEREGRINE-PE3502 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com