Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4134 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # PE4134
Description  High Linearity Quad MOSFET Mixer for PCS & 3G BTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4134 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  PE4134 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4134 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4134 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4134 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4134 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4134 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4134 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4134 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4134 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Product Specification
PE4134
Page 4 of 9
©2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0087-03
│ UltraCMOS™ RFIC Solutions
Typical Performance Data (LO=17 dBm, RF=3 dBm, IF=260 MHz)
Figure 8. Input 1dB Compression
Figure 9. Input IP3
Figure 7. Conversion Loss
Figure 10. Output IP3
-10
-8
-6
-4
-2
0
1800
1850
1900
1950
2000
Frequency (MHz)
-40 C
25 C
85 C
0
5
10
15
20
25
1800
1850
1900
1950
2000
Frequency (MHz)
-40 C
85 C
25 C
0
5
10
15
20
25
30
35
40
1800
1850
1900
1950
2000
Frequency (MHz)
-40 C
85 C
25 C
0
5
10
15
20
25
30
1800
1850
1900
1950
2000
Frequency (MHz)
-40 C
85 C
25 C


Similar Part No. - PE4134

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4134 PASTERNACK-PE4134 Datasheet
267Kb / 3P
   N Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4134 PASTERNACK-PE4134 Datasheet
353Kb / 3P
   N Female Connector Crimp/Solder Attachment
PE4134 PASTERNACK-PE4134_16 Datasheet
353Kb / 3P
   N Female Connector Crimp/Solder Attachment
More results

Similar Description - PE4134

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4122 PEREGRINE-PE4122 Datasheet
260Kb / 8P
   UltraCMOS??High Linearity Quad MOSFET Mixer For PCS & 3G BTS
PE4126 PEREGRINE-PE4126 Datasheet
269Kb / 8P
   High Linearity Quad MOSFET Mixer for DCS 1800 BTS
PE4125 PEREGRINE-PE4125 Datasheet
234Kb / 8P
   High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
PE4124 PEREGRINE-PE4124 Datasheet
265Kb / 8P
   High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
PE4135 PEREGRINE-PE4135 Datasheet
293Kb / 9P
   High Linearity UltraCMOS??Quad MOSFET Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
WJ Communication. Inc.
MH302 WJCI-MH302 Datasheet
103Kb / 3P
   PCS/UMTS-band Quad-FET Mixer
logo
Asahi Kasei Microsystem...
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
   3500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
   900MHz High Linearity Mixer
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
   8500MHz High Linearity Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com