Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4135-01 Datasheet(PDF) 9 Page - Peregrine Semiconductor Corp.

Part # 4135-01
Description  High Linearity UltraCMOS??Quad MOSFET Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4135-01 Datasheet(HTML) 9 Page - Peregrine Semiconductor Corp.

  4135-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4135-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4135-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4135-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4135-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4135-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4135-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4135-01 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4135-01 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
©2005 Peregrine Semiconductor Corp. All rights reserved.
Product Specification
PE4135
Page 9 of 9
Document No. 70-0086-04
│ www.psemi.com
Sales Offices
The Americas
Peregrine Semiconductor Corp.
9450 Carroll Park Drive
San Diego, CA 92121
Tel 858-731-9400
Fax 858-731-9499
North Asia Pacific
Peregrine Semiconductor K.K.
5A-5, 5F Imperial Tower
1-1-1 Uchisaiwaicho, Chiyoda-ku
Tokyo 100-0011 Japan
Tel: +81-3-3502-5211
Fax: +81-3-3502-5213
Europe
Peregrine Semiconductor Europe
Commercial Products:
Bâtiment Maine
13-15 rue des Quatre Vents
F- 92380 Garches, France
Tel: +33-1-47-41-91-73
Fax : +33-1-47-41-91-73
Space and Defense Products:
180 Rue Jean de Guiramand
13852 Aix-En-Provence cedex 3, France
Tel: +33(0) 4 4239 3361
Fax: +33(0) 4 4239 7227
For a list of representatives in your area, please refer to our Web site at: www.psemi.com
Data Sheet Identification
Advance Information
The product is in a formative or design stage. The data
sheet contains design target specifications for product
development. Specifications and features may change in
any manner without notice.
Preliminary Specification
The data sheet contains preliminary data. Additional data
may be added at a later date. Peregrine reserves the right
to change specifications at any time without notice in order
to supply the best possible product.
Product Specification
The data sheet contains final data. In the event Peregrine
decides to change the specifications, Peregrine will notify
customers of the intended changes by issuing a DCN
(Document Change Notice).
The information in this data sheet is believed to be reliable.
However, Peregrine assumes no liability for the use of this
information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this
data sheet are implied or granted to any third party.
Peregrine’s products are not designed or intended for use in
devices or systems intended for surgical implant, or in other
applications intended to support or sustain life, or in any
application in which the failure of the Peregrine product could
create a situation in which personal injury or death might occur.
Peregrine assumes no liability for damages, including
consequential or incidental damages, arising out of the use of
its products in such applications.
The Peregrine name, logo, and UTSi are registered trademarks
and UltraCMOS is a trademark of Peregrine Semiconductor
Corp.
South Asia Pacific
Peregrine Semiconductor
28G, Times Square,
No. 500 Zhangyang Road,
Shanghai, 200122, P.R. China
Tel: +86-21-5836-8276
Fax: +86-21-5836-7652


Similar Part No. - 4135-01

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4135 FILTRONIC-4135 Datasheet
287Kb / 2P
   POWER DIVIDERS FIVE-WAY, 2 TO 8 GHZ
logo
API Technologies Corp
4135 APITECH-4135 Datasheet
159Kb / 2P
   4125
4135 APITECH-4135 Datasheet
160Kb / 2P
   POWER DIVIDERS
4135 APITECH-4135 Datasheet
165Kb / 2P
   POWER DIVIDERS
logo
C&K Components
413502000 CK-COMPONENTS-413502000 Datasheet
381Kb / 8P
   3 Series Thumbwheel Switches
More results

Similar Description - 4135-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4122 PEREGRINE-PE4122 Datasheet
260Kb / 8P
   UltraCMOS??High Linearity Quad MOSFET Mixer For PCS & 3G BTS
PE84140 PEREGRINE-PE84140_06 Datasheet
165Kb / 7P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140 Datasheet
269Kb / 10P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
285Kb / 10P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array Features
logo
Peregrine Semiconductor
PE4140-DIE PSEMI-PE4140-DIE Datasheet
847Kb / 10P
   Ultra-High Linearity UltraCMOS?
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
269Kb / 10P
   Ultra-High Linearity UltraCMOS
PE4134 PEREGRINE-PE4134 Datasheet
295Kb / 9P
   High Linearity Quad MOSFET Mixer for PCS & 3G BTS
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140_14 Datasheet
847Kb / 10P
   Ultra-High Linearity UltraCMOS?
logo
Peregrine Semiconductor...
PE4126 PEREGRINE-PE4126 Datasheet
269Kb / 8P
   High Linearity Quad MOSFET Mixer for DCS 1800 BTS
PE4125 PEREGRINE-PE4125 Datasheet
234Kb / 8P
   High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com