Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4126-00 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # 4126-00
Description  High Linearity Quad MOSFET Mixer for DCS 1800 BTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4126-00 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  4126-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4126-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4126-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4126-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4126-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4126-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4126-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4126-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2006 Peregrine Semiconductor Corp. All rights reserved.
Product Specification
PE4126
Page 3 of 8
Document No. 70-0045-04
│ www.psemi.com
LO
IF
RF
4126
Eval
Board
Sig
Gen
Sig
Gen
Hybrid
Tee
3 dB
PA
Sig
Gen
3 dB
Spectrum
Analyzer
3 dB
6 dB
6 dB
Evaluation Kit
Figure 4. Evaluation Board Layout
Figure 5. Evaluation Board Schematic Diagram
Peregrine Specification 101/0054
Applications Support
If you have a problem with your evaluation kit or if
you have applications questions, please contact
applications support:
E-Mail: help@psemi.com (fastest response)
Phone: (858) 731-9400
Pin1
Figure 6. Evaluation Board Testing Block Diagram, 2-Tone Setup
T2 M/A-Com E-Series RF 4:1 Transformer 2.0 – 1000 MHz ETK4-2T
Table 4. Bill of Materials
IF
PE4126
GND
IF2
IF1
GND
GND
RF
GND
LO
Reference
Value / Description
T2
M/A Com ETK4-2T
U1 (Not Labeled)
PE4126 Mixer
R1
0Ω
J1, J2, J3
SMA Connector


Similar Part No. - 4126-00

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4126-T60-T UTC-4126-T60-T Datasheet
107Kb / 4P
   HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
4126-T60-T UTC-4126-T60-T Datasheet
112Kb / 4P
   HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
More results

Similar Description - 4126-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4134 PEREGRINE-PE4134 Datasheet
295Kb / 9P
   High Linearity Quad MOSFET Mixer for PCS & 3G BTS
PE4125 PEREGRINE-PE4125 Datasheet
234Kb / 8P
   High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
PE4122 PEREGRINE-PE4122 Datasheet
260Kb / 8P
   UltraCMOS??High Linearity Quad MOSFET Mixer For PCS & 3G BTS
PE4124 PEREGRINE-PE4124 Datasheet
265Kb / 8P
   High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
PE4135 PEREGRINE-PE4135 Datasheet
293Kb / 9P
   High Linearity UltraCMOS??Quad MOSFET Mixer
logo
SIRENZA MICRODEVICES
STM-2116 SIRENZA-STM-2116 Datasheet
181Kb / 6P
   1800 - 2100 MHz High Linearity Active Transmit Mixer
logo
ATMEL Corporation
ATR0786 ATMEL-ATR0786 Datasheet
184Kb / 12P
   High Linearity Active Transmit Mixer for 1800 MHz to 2100 MHz
logo
Stanford Microdevices
STM-2016 STANFORD-STM-2016 Datasheet
134Kb / 7P
   1800 - 2200 MHz High Linearity Silicon Germanium Active Transmit Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
WJ Communication. Inc.
CV111-1A WJCI-CV111-1A Datasheet
238Kb / 4P
   PCS/DCS-band High Linearity Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com