Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4220-21 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # 4220-21
Description  SPDT UltraCMOS??RF Switch DC - 2500 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4220-21 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  4220-21 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4220-21 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4220-21 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4220-21 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4220-21 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4220-21 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4220-21 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Product Specification
PE4220
Page 4 of 7
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0028-09
│ UltraCMOS™ RFIC Solutions
Typical Performance Data @ -40 °C to 85 °C (Unless otherwise noted)
Figure 7. Input 1 dB Compression Point & IIP3
Figure 9. Isolation – RFC to RF1
Figure 8. Insertion Loss – RFC to RF2
Figure 6. Insertion Loss – RFC to RF1
T = 25 °C
-2
-1.75
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0
500
1000
1500
2000
2500
Frequency (MHz)
-40 C
85 C
25 C
0
10
20
30
40
50
60
0
10
20
30
40
50
60
500
1000
1500
2000
2500
3000
Frequency (MHz)
IIP3
1dB Compression
-2
-1.75
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0
500
1000
1500
2000
2500
Frequency (MHz)
-40 C
85 C
25 C
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
Frequency (MHz)
T = 25 °C


Similar Part No. - 4220-21

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
4220-PGU TEKTRONIX-4220-PGU Datasheet
3Mb / 45P
   4200A-SCS Parameter Analyzer
More results

Similar Description - 4220-21

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245_06 Datasheet
263Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Peregrine Semiconductor
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com