Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4230 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE4230
Description  SPDT High Power UltraCMOS??RF Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4230 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE4230 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4230 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4230 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4230 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4230 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4230 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4230 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product Specification
PE4230
Page 2 of 7
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0029-02
│ UltraCMOS™ RFIC Solutions
Note 1: All RF pins must be DC blocked with an external
series capacitor or held at 0 VDC.
Table 2. Pin Descriptions
Table 4. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 4.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Table 3. DC Electrical Specifications
Figure 3. Pin Configuration (Top View)
4230
1
2
3
4
8
7
6
5
V
DD
CTRL
GND
RFC
RF1
GND
GND
RF2
Pin
No.
Pin
Name
Description
1
VDD
Nominal +3V supply connection.
2
CTRL
CMOS or TTL logic level:
High = RFC to RF1 signal path
Low = RFC to RF2 signal path
3
GND
Ground connection. Traces should be
physically short and connected to ground
plane for best performance.
4
RFC
Common RF port for switch.1
5
RF2
RF2 port.1
6
GND
Ground Connection. Traces should be
physically short and connected to ground
plane for best performance.
7
GND
Ground Connection. Traces should be
physically short and connected to ground
plane for best performance.
8
RF1
RF1 port.1
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any input
except for the CTRL input
-0.3
VDD+
0.3
V
VCTRL
Voltage on CTRL input
5.0
V
TST
Storage temperature range
-65
150
°C
TOP
Operating temperature
range
-40
85
°C
P
IN
Input power (50
Ω)
35
dBm
VESD
ESD voltage (Human Body
Model)
250
V
Parameter
Min
Typ
Max
Units
VDD Power Supply Voltage
2.7
3.0
3.3
V
IDD Power Supply Current
(VDD = 3V, VCNTL = 3V)
29
35
µA
Control Voltage High
0.7xVDD
V
Control Voltage Low
0.3xVDD
V
Control Voltage
Signal Path
CTRL = CMOS or TTL High
RFC to RF1
CTRL = CMOS or TTL Low
RFC to RF2
Table 5. Control Logic Truth Table
The control logic input pin (CTRL) is typically
driven by a 3-volt CMOS logic level signal, and
has a threshold of 50% of VDD. For flexibility to
support systems that have 5-volt control logic driv-
ers, the control logic input has been designed to
handle a 5-volt logic HIGH signal. (A minimal cur-
rent will be sourced out of the VDD pin when the
control logic input voltage level exceeds VDD.)
Absolute Maximum Ratings are those values
listed in the above table. Exceeding these values
may cause permanent device damage.
Functional operation should be restricted to the
limits in the DC Electrical Specifications table.
Exposure to absolute maximum ratings for
extended periods may affect device reliability.


Similar Part No. - PE4230

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4230 PASTERNACK-PE4230 Datasheet
410Kb / 4P
   HN Male Right Angle Connector Clamp/Solder Attachment
More results

Similar Description - PE4230

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
   SPDT UltraCMOS??RF Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com