Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4230-21 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # 4230-21
Description  SPDT High Power UltraCMOS??RF Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4230-21 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  4230-21 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4230-21 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4230-21 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4230-21 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4230-21 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4230-21 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4230-21 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Product Specification
PE4230
Page 5 of 7
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0029-02
│ www.psemi.com
Evaluation Kit
The SPDT Switch Evaluation Kit board was
designed to ease customer evaluation of the
PE4230 SPDT switch. The RF common port is
connected through a 50
Ω transmission line to the
top left SMA connector, J1. Port 1 and Port 2 are
connected through 50
Ω transmission lines to the
top two SMA connectors on the right side of the
board, J3 and J4. A through transmission line
connects SMA connectors J6 and J8. This
transmission line can be used to estimate the loss
of the PCB over the environmental conditions
being evaluated.
The board is constructed of a two metal layer FR4
material with a total thickness of 0.031”. The
bottom layer provides ground for the RF
transmission lines. The transmission lines were
designed using a coplanar waveguide with ground
plane model using a trace width of 0.030”, trace
gaps of 0.007”, dielectric thickness of 0.028”,
metal thickness of 0.0014” and
ε
r of 4.4.
J2 provides a means for controlling DC and digital
inputs to the device. Starting from the lower left
pin, the second pin to the right (J2-3) is connected
to the device CNTL input. The fourth pin to the
right (J2-7) is connected to the device VDD input.
A decoupling capacitor (100 pF) is provided on
both CNTL and VDD traces. It is the responsibility
of the customer to determine proper supply
decoupling for their design application. Removing
these components from the evaluation board has
not been shown to degrade RF performance.
Figure 12. Evaluation Board Layouts
Figure 13. Evaluation Board Schematic
Peregrine Specification 102/0035
Peregrine Specification 101/0037


Similar Part No. - 4230-21

ManufacturerPart #DatasheetDescription
logo
ETAL Group
4230-T1 ETAL-4230-T1 Datasheet
1Mb / 12P
   Protection of cables, motors, generators and transformers, thyristors and silicon rectifiers
4230-T110-K0BE-10A ETAL-4230-T110-K0BE-10A Datasheet
1Mb / 12P
   Protection of cables, motors, generators and transformers, thyristors and silicon rectifiers
4230-T110-K0BE-1A ETAL-4230-T110-K0BE-1A Datasheet
1Mb / 12P
   Protection of cables, motors, generators and transformers, thyristors and silicon rectifiers
4230-T110-K0BE-20A ETAL-4230-T110-K0BE-20A Datasheet
1Mb / 12P
   Protection of cables, motors, generators and transformers, thyristors and silicon rectifiers
4230-T110-K0BE-25A ETAL-4230-T110-K0BE-25A Datasheet
1Mb / 12P
   Protection of cables, motors, generators and transformers, thyristors and silicon rectifiers
More results

Similar Description - 4230-21

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
   SPDT UltraCMOS??RF Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com