Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4135-EK Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # PE4135-EK
Description  High Linearity UltraCMOS??Quad MOSFET Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4135-EK Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  PE4135-EK Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4135-EK Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4135-EK Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4135-EK Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4135-EK Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4135-EK Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4135-EK Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4135-EK Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4135-EK Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2005 Peregrine Semiconductor Corp. All rights reserved.
Page 1 of 9
Document No. 70-0086-04
│ www.psemi.com
The PE4135 is a high linearity passive Quad MOSFET Mixer
for GSM800 & Cellular Base Station Receivers, exhibiting high
dynamic range performance over a broad LO drive range of up
to 20 dBm. This mixer integrates passive matching networks to
provide single-ended interfaces for the RF and LO ports,
eliminating the need for external RF baluns or matching
networks. The PE4135 is optimized for frequency down-
conversion using low-side LO injection for GSM800 & Cellular
Base Station application, and is also suitable for up-conversion
applications.
The PE4135 is manufactured on Peregrine’s UltraCMOS™
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
High Linearity UltraCMOS™
Quad MOSFET Mixer
Product Description
Figure 1. Functional Diagram
PE4135
Features
Integrated, single-ended RF & LO
interfaces
High linearity: Typical IIP3 at 32dBm
820 - 920 MHz (+17 dBm LO)
Low conversion loss: 6.8 dB
(+17 dBm LO)
High isolation: Typical LO-IF at 42 dB,
LO-RF at 32 dB
Small 6-lead 3x3 mm DFN package
Figure 2. Package Type
6-lead DFN
Table 1. Electrical Specifications @ +25 °C
Notes:
1. Test conditions unless otherwise noted: IF = 70 MHz, LO input drive = 17 dBm, RF input drive = 3 dBm.
2. An IF frequency of 70 MHz is a nominal frequency. The IF frequency can be specified by the user as long as the RF and LO
frequencies are within the specified maximum and minimum.
3. Conversion Loss includes loss of IF transformer (M/A COM ETC1-1-13, nominal loss 0.7 dB at 70 MHz).
RF
LO
IF
180o
Two-Way
Power
Divider
180o
Two-Way
Power
Divider
Parameter1
Minimum
Typical
Maximum
Units
Frequency Range:
LO
RF
IF2
750
820
--
--
--
70
850
920
--
MHz
MHz
MHz
Conversion Loss3
6.8
7.3
dB
Isolation:
LO-RF
LO-IF
30
40
32
42
dB
dB
Input IP3
29
32
dBm
Input 1 dB Compression
21
dBm


Similar Part No. - PE4135-EK

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4135 PASTERNACK-PE4135 Datasheet
276Kb / 3P
   N Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4135 PASTERNACK-PE4135 Datasheet
362Kb / 3P
   N Male Right Angle Connector Clamp/Solder Attachment
PE4135 PASTERNACK-PE4135_16 Datasheet
362Kb / 3P
   N Male Right Angle Connector Clamp/Solder Attachment
More results

Similar Description - PE4135-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4122 PEREGRINE-PE4122 Datasheet
260Kb / 8P
   UltraCMOS??High Linearity Quad MOSFET Mixer For PCS & 3G BTS
PE84140 PEREGRINE-PE84140_06 Datasheet
165Kb / 7P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140 Datasheet
269Kb / 10P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
285Kb / 10P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array Features
logo
Peregrine Semiconductor
PE4140-DIE PSEMI-PE4140-DIE Datasheet
847Kb / 10P
   Ultra-High Linearity UltraCMOS?
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
269Kb / 10P
   Ultra-High Linearity UltraCMOS
PE4134 PEREGRINE-PE4134 Datasheet
295Kb / 9P
   High Linearity Quad MOSFET Mixer for PCS & 3G BTS
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140_14 Datasheet
847Kb / 10P
   Ultra-High Linearity UltraCMOS?
logo
Peregrine Semiconductor...
PE4126 PEREGRINE-PE4126 Datasheet
269Kb / 8P
   High Linearity Quad MOSFET Mixer for DCS 1800 BTS
PE4125 PEREGRINE-PE4125 Datasheet
234Kb / 8P
   High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com