Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4220-52 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # 4220-52
Description  SPDT UltraCMOS??RF Switch DC - 2500 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4220-52 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  4220-52 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4220-52 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4220-52 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4220-52 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4220-52 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4220-52 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4220-52 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
Document No. 70-0028-09
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
8-lead MSOP
RFC
RF1
RF2
CMOS
Control
Driver
CTRL
The PE4220 UltraCMOS™ RF Switch is designed to cover a
broad range of applications from near DC to 2500 MHz. This
single-supply switch integrates on-board CMOS control logic
driven by a simple, single-pin CMOS or TTL compatible control
input. Using a nominal +3-volt power supply, a typical input 1
dB compression point of +22 dBm can be achieved. The
PE4220 also exhibits input-output isolation of better than 37 dB
at 1000 MHz and is offered in a small 8-lead MSOP package.
The PE4220 UltraCMOS™ RF Switch is manufactured in
Peregrine’s patented Ultra Thin Silicon (UTSi®) CMOS
process, offering the performance of GaAs with the economy
and integration of conventional CMOS.
Product Specification
SPDT UltraCMOS™ RF Switch
DC - 2500 MHz
Product Description
Figure 1. Functional Diagram
PE4220
Features
Single 3-volt power supply
Very low insertion loss: 0.25 dB at
1000 MHz
High isolation: 37 dB at 1.0 GHz
Typical input 1 dB compression point
of +22.5 dBm
Single-pin CMOS or TTL logic control
Packaged in a small 8-lead MSOP
Notes:
1. Device linearity will begin to degrade below 10 MHz.
2. The DC transient at the output of any port of the switch when the control voltage is switched from Low to High or High to Low
in a 50
Ω test set-up, measured with 1ns risetime pulses and 500 MHz bandwidth.
Table 1. Electrical Specifications @ +25 °C, VDD = 3 V (ZS = ZL = 50 Ω)
Figure 2. Package Type
Parameter
Conditions
Minimum
Typical
Maximum
Units
Operating Frequency1
DC
2500
MHz
Insertion Loss
1000 MHz
0.25
0.35
dB
Isolation – RFC to RF1/RF2
1000 MHz
34.5
37
dB
Isolation – RF1 to RF2
1000 MHz
34
35
dB
Return Loss
1000 MHz
17.5
19
dB
‘ON’ Switching Time
CTRL to 0.1 dB final value, 2 GHz
200
ns
‘OFF’ Switching Time
CTRL to 25 dB isolation, 2 GHz
90
ns
Video Feedthrough2
5.0
mVpp
Input 1 dB Compression
2000 MHz
20
22.5
dBm
Input IP3
2000 MHz, 8 dBm
42
43.5
dBm


Similar Part No. - 4220-52

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
4220-PGU TEKTRONIX-4220-PGU Datasheet
3Mb / 45P
   4200A-SCS Parameter Analyzer
More results

Similar Description - 4220-52

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245_06 Datasheet
263Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Peregrine Semiconductor
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com