Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4235-00 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # 4235-00
Description  SPDT UltraCMOS??RF Switch DC - 4000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4235-00 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  4235-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4235-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4235-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4235-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4235-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4235-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4235-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4235-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Product Specification
PE4235
Page 4 of 8
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0069-03
│ UltraCMOS™ RFIC Solutions
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
RF1
RF2
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
RF1
RF2
Typical Performance Data @ 25 °C
Figure 8. Isolation – RFC to RF2
Figure 9. Isolation – RF1 to RF2, RF2 to RF1
Figure 10. Return Loss – RFC
Figure 11. Return Loss – RF1, RF2
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)


Similar Part No. - 4235-00

ManufacturerPart #DatasheetDescription
logo
Heyco.
4235 HEYCO-4235 Datasheet
104Kb / 1P
   Shorty Cable Holders
logo
Aries Electronics, Inc.
4235510 ARIES-4235510 Datasheet
722Kb / 1P
   Series 55 Universal Zero-Insertion-Force DIP Test Socket
4235510TL ARIES-4235510TL Datasheet
722Kb / 1P
   Series 55 Universal Zero-Insertion-Force DIP Test Socket
4235511 ARIES-4235511 Datasheet
722Kb / 1P
   Series 55 Universal Zero-Insertion-Force DIP Test Socket
42355110 ARIES-42355110 Datasheet
722Kb / 1P
   Series 55 Universal Zero-Insertion-Force DIP Test Socket
More results

Similar Description - 4235-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245_06 Datasheet
263Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452_15 Datasheet
458Kb / 11P
   UltraCMOS SP5T RF Switch 450-4000 MHz
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com