Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLNB2009Q20 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZLNB2009Q20
Description  DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLNB2009Q20 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZLNB2009Q20 Datasheet HTML 1Page - Zetex Semiconductors ZLNB2009Q20 Datasheet HTML 2Page - Zetex Semiconductors ZLNB2009Q20 Datasheet HTML 3Page - Zetex Semiconductors ZLNB2009Q20 Datasheet HTML 4Page - Zetex Semiconductors ZLNB2009Q20 Datasheet HTML 5Page - Zetex Semiconductors ZLNB2009Q20 Datasheet HTML 6Page - Zetex Semiconductors ZLNB2009Q20 Datasheet HTML 7Page - Zetex Semiconductors ZLNB2009Q20 Datasheet HTML 8Page - Zetex Semiconductors ZLNB2009Q20 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ZLNB2006
ZLNB2009
ZLNB2010
ISSUE 1 - APRIL 2002
2
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
-0.6V to 12V
Supply Current
100mA
VPOL1 and VPOL2
Input Voltage
25V Continous
Operating Temperature
-40 to 85°C
Storage Temperature
-40 to 125°C
Power Dissipation (Tamb 25 C)
QSOP16
500mW
QSOP20
500mW
SYMBOL PARAMETER
CONDITIONS
LIMITS
UNITS
Min
Typ
Max
VCC
Supply Voltage
5
10
V
ICC
Supply Current
IHVOUT1,2=ITOUT1,2=0
ITOUT1,2=0,IHVOUT1,2=10mA,
VPOL=15.5V
5.5
26
12
32
mA
mA
VPOL1 and VPOL2 Inputs
IPOL
VTPOL
VTEN
TSPOL
Current
Threshold Voltage
Enable Threshold Voltage
(ZLNB2009/10 only)
Switching Speed
VPOL1 =VPOL2 = 25V (Note 2)
Tamb=-40°C to 70°C (Note 2)
Tamb=-40°C to 70°C (Note 2)
10
14.0
8.0
25
14.75
9.5
40
15.5
10.0
100
A
V
V
S
Filter Amplifier
IB
Input Bias Current
RF1=150k
0.02
0.07
0.25
µA
VOUT
VOUT (Note 1) (ZLNB2006 only)
RF1=150k
1.75
1.95
2.15
V
VOUT
VOUT (Note 1) (ZLNB2009/10 only) RF1=150k
2.215
V
IOUT
IOUT (Note 1) (ZLNB2006 only)
VOUT =2.20V,VFIN = 2.42V
440
587
733
A
IOUT
IOUT (Note 1) (ZLNB2000/10 only)
VOUT =2.20V,VFIN = 2.50V
470
587
782
A
GV
Voltage Gain
F=22kHz, Vin=1mV
0
46
dB
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated):
Tamb= 25 C,VCC=5V
Note:-
1) The parameters Filter Amplifier VOUT,IOUT, Rectifier VOUT and Comparator Threshold Voltage are all directly (linearly)
related to Vcc.
2) Applied via 10k resistors


Similar Part No. - ZLNB2009Q20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLNB2009 DIODES-ZLNB2009 Datasheet
126Kb / 11P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
More results

Similar Description - ZLNB2009Q20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLNB2013 DIODES-ZLNB2013 Datasheet
179Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Zetex Semiconductors
ZLNB2001 ZETEX-ZLNB2001 Datasheet
168Kb / 12P
   DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2012 ZETEX-ZLNB2012 Datasheet
97Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2013 ZETEX-ZLNB2013 Datasheet
165Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Diodes Incorporated
ZLNB2001 DIODES-ZLNB2001 Datasheet
158Kb / 12P
   DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2006 DIODES-ZLNB2006 Datasheet
126Kb / 11P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2012 DIODES-ZLNB2012 Datasheet
110Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Zetex Semiconductors
ZLNB1001 ZETEX-ZLNB1001 Datasheet
138Kb / 4P
   DBS tone and polarity multiplex controller
logo
Diodes Incorporated
ZLNB1001 DIODES-ZLNB1001 Datasheet
149Kb / 4P
   DBS tone and polarity multiplex controller
logo
Zetex Semiconductors
ZLNB101 ZETEX-ZLNB101 Datasheet
77Kb / 5P
   DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com