Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4240-00 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # 4240-00
Description  SPST UltraCMOS??CATV Switch DC - 1300 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4240-00 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  4240-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4240-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4240-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4240-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4240-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4240-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4240-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4240-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Product Specification
PE4240
Page 3 of 8
©2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0067-03
│ www.psemi.com
-100
-80
-60
-40
-20
0
0
200
400
600
800
1000
1200
Frequency (MHz)
20
30
40
50
60
20
30
40
50
60
0
200
400
600
800
1000
1200
Frequency (MHz)
IIP3
Input 1dB Compression
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0
200
400
600
800
1000
1200
Frequency (MHz)
-40 C
25 C
85 C
Typical Performance Data @ 25 °C (Unless Otherwise Noted)
Figure 5. Insertion Loss
Figure 6. Input 1dB Compression Point and IIP3
Figure 7. Isolation
(75
Ω impedance except as indicated)
50
Ω system impedance


Similar Part No. - 4240-00

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4240 POMONA-4240 Datasheet
22Kb / 1P
   Type ?쏯??Male Terminated Plug
logo
Heyco.
4240 HEYCO-4240 Datasheet
93Kb / 1P
   HEYConnect™ Terminal Bushings
logo
Molex Electronics Ltd.
42400-0001 MOLEX1-42400-0001 Datasheet
201Kb / 4P
   Flat Blade Appliance Defrost Timer Crimp Housing, 4 Circuit, 4 Circuits
42400-0001 MOLEX11-42400-0001 Datasheet
38Kb / 1P
   Flat Blade Appliance Defrost Timer Crimp Housing, 4 Circuit, 4 Circuits
42400-0004 MOLEX5-42400-0004 Datasheet
186Kb / 4P
   Flat Blade Appliance Defrost Timer Connector, 4 Circuit
More results

Similar Description - 4240-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor
PE4270 PSEMI-PE4270 Datasheet
428Kb / 8P
   SPST CATV UltraCMOS Switch
PE4270 PSEMI-PE4270_14 Datasheet
1,013Kb / 8P
   SPST CATV UltraCMOS??Switch
logo
Peregrine Semiconductor...
PE4232 PEREGRINE-PE4232 Datasheet
265Kb / 8P
   SPST CATV UltraCMOS??Switch
PE4270 PEREGRINE-PE4270 Datasheet
428Kb / 8P
   SPST CATV UltraCMOS
PE4246 PEREGRINE-PE4246 Datasheet
262Kb / 8P
   Absorptive SPST UltraCMOS??RF Switch: DC - 5000 MHz
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280 Datasheet
261Kb / 8P
   SPDT CATV UltraCMOS Switch
PE4256 PSEMI-PE4256 Datasheet
295Kb / 8P
   SPDT CATV UltraCMOS Switch
PE42742 PSEMI-PE42742 Datasheet
326Kb / 10P
   SPDT CATV UltraCMOS Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com