Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXBM1017ST20TC Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXBM1017ST20TC
Description  VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXBM1017ST20TC Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZXBM1017ST20TC Datasheet HTML 3Page - Zetex Semiconductors ZXBM1017ST20TC Datasheet HTML 4Page - Zetex Semiconductors ZXBM1017ST20TC Datasheet HTML 5Page - Zetex Semiconductors ZXBM1017ST20TC Datasheet HTML 6Page - Zetex Semiconductors ZXBM1017ST20TC Datasheet HTML 7Page - Zetex Semiconductors ZXBM1017ST20TC Datasheet HTML 8Page - Zetex Semiconductors ZXBM1017ST20TC Datasheet HTML 9Page - Zetex Semiconductors ZXBM1017ST20TC Datasheet HTML 10Page - Zetex Semiconductors ZXBM1017ST20TC Datasheet HTML 11Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
As these threshold voltages are nominally set to VTHH
= 3V and VTHL = 1V the equations can be simplified as
follows:
t
C
I
C
I
PWM
PWMC
PWMD
=+
22
CLCK - Locked Rotor Timing Capacitor
Should the fan stop rotating for any reason, i.e. an
obstruction in the fan blade or a seized bearing, then
the device will enter a Rotor Locked condition. In this
condition after a predetermined time (tlock) the RD pin
will go high and the Phase outputs will be disabled.
After a further delay (toff) the controller will re-enable
the Phase drive for a defined period ((ton) in an attempt
to re-start the fan. This cycle of (toff) and (ton) will be
repeated indefinitely or until the fan re-starts.
The frequency at which this takes place is determined
by the value of the capacitor applied to this CLCK pin.
For a 12V supply a value of 1uF will typically provide an
'On' (drive) period of 0.56s and an 'Off' (wait) period of
6.8s, giving an On:Off ratio of 1:12.
The CLCK timing periods are determined by the
following equations:
t
Vx C
I
lock
THH
LCK
LCKC
=
t
VV
x C
I
on
THH
THL
LCK
LCKC
=
()
t
VV
x C
I
off
THH
THL
LCK
LCKD
=
()
Where:
VTHH and VTHL are the CLCK pin
threshold voltages and
ILCKC and ILCKD are the charge and
discharge currents.
As these threshold voltages are nominally set to VTHH
= 3V and VTHL = 1V the equations can be simplified as
follows:
t
xC
I
lock
LCK
LCKC
=
3
t
xC
I
on
LCK
LCKC
=
2
t
xC
I
off
LCK
LCKC
=
2
GND - Ground
This is the device supply ground return pin and will
generally be the most negative supply pin to the fan.
RD - Locked Rotor Error Output
This pin is the Locked Rotor output as referred to in the
CLCK timing section above. It is high when the rotor is
stopped and low when it is running.
This is an open collector drive giving an active pull
down with the high level being provided by an external
pull up resistor.
FG - Frequency Generator (speed)
This is the Frequency Generator output and is a
buffered signal from the Hall sensor.
This is an open collector drive giving an active pull
down with the high level being provided by an external
pull up resistor.
Ph1Lo & Ph2Lo - Low-side External H-bridge Driver
These pair of outputs drive the Low side of the external
high power H-bridge devices that in turn drives the
single phase winding. These outputs provide both the
commutation and PWM waveforms. The outputs are of
the Darlington emitter follower type with an active
pull-down to help faster switch off when using bipolar
devices or MOSFET devices with a high gate
capacitance. When in the high state the outputs will
provide up to 80mA of drive into the base or gates of
external transistors as shown in the Typical Application
circuit following.
When in the low state the active Phase drive is capable
of sinking up to 32mA when driving low to aid turn off
times during PWM operation. When the Phase is
inactive the output is held low by a 7.5k
internal
pull-down resistor.
Ph1Hi & Ph2Hi - High-side External H-bridge Driver
These are the High side outputs to the external
H-bridge and are open collector outputs capable of
sinking 100mA. This signal provides commutation only
to the H-bridge.
V+OP- Phase Outputs supply voltage
This pin is the supply to the Phase outputs and will be
connected differently dependant upon external
transistor type.
For bipolar devices this pin will be connected via a
resistor to the VCC pin. The resistor is used to control
the current into the transistor base so its value is
chosen accordingly.
For MOSFET devices the pin will connect directly to the
VCC pin
ZXBM1017
ISSUE 2 - OCTOBER 2005
7


Similar Part No. - ZXBM1017ST20TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM1017ST20TC ZETEX-ZXBM1017ST20TC Datasheet
130Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1017ST20TC DIODES-ZXBM1017ST20TC Datasheet
150Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
More results

Similar Description - ZXBM1017ST20TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM1015 ZETEX-ZXBM1015_07 Datasheet
104Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM1004 ZETEX-ZXBM1004 Datasheet
265Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1017 DIODES-ZXBM1017 Datasheet
150Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM1004 DIODES-ZXBM1004 Datasheet
340Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM1017 ZETEX-ZXBM1017_07 Datasheet
130Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM1004 ZETEX-ZXBM1004_07 Datasheet
263Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1015 DIODES-ZXBM1015 Datasheet
124Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM1015 ZETEX-ZXBM1015 Datasheet
130Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2004 DIODES-ZXBM2004 Datasheet
224Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM2004 ZETEX-ZXBM2004 Datasheet
249Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com