Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXFV203 Datasheet(PDF) 9 Page - Zetex Semiconductors

Part # ZXFV203
Description  Quad, single, triple and dual video amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV203 Datasheet(HTML) 9 Page - Zetex Semiconductors

Back Button ZXFV203 Datasheet HTML 2Page - Zetex Semiconductors ZXFV203 Datasheet HTML 3Page - Zetex Semiconductors ZXFV203 Datasheet HTML 4Page - Zetex Semiconductors ZXFV203 Datasheet HTML 5Page - Zetex Semiconductors ZXFV203 Datasheet HTML 6Page - Zetex Semiconductors ZXFV203 Datasheet HTML 7Page - Zetex Semiconductors ZXFV203 Datasheet HTML 8Page - Zetex Semiconductors ZXFV203 Datasheet HTML 9Page - Zetex Semiconductors ZXFV203 Datasheet HTML 10Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ZXFV201, ZXFV202, ZXFV203, ZXFV204
Issue 3 - October 2005
9
www.zetex.com
© Zetex Semiconductors plc 2005
Package details - SO8, SO14
Note: Controlling dimensions are in inches. Approximate dimensions are provided in millimeters
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
0.053
0.069
1.35
1.75
L
0.016
0.050
0.40
1.27
A1
0.004
0.010
0.10
0.25
e
0.050 BSC
1.27 BSC
D
(8 pin)
0.189
0.197
4.80
5.00
b
0.013
0.020
0.33
0.51
D
(14 pin)
0.337
0.344
8.55
8.75
c
0.008
0.010
0.19
0.25
H
0.228
0.244
5.80
6.20
E
0.150
0.157
3.80
4.00
h
0.010
0.020
0.25
0.50


Similar Part No. - ZXFV203

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFV203 ZETEX-ZXFV203 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFV203N14TA ZETEX-ZXFV203N14TA Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFV203N14TC ZETEX-ZXFV203N14TC Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
More results

Similar Description - ZXFV203

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7611DESA MAXIM-ICL7611DESA Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
ICL7611 MAXIM-ICL7611 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL761X MAXIM-ICL761X Datasheet
510Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 2; 4/08
ICL7612 MAXIM-ICL7612 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL761X MAXIM-ICL761X_1 Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com