Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4243-00 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # 4243-00
Description  SPDT UltraCMOS??RF Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4243-00 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  4243-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4243-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4243-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4243-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4243-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4243-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4243-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4243-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Product Specification
PE4243
Page 4 of 8
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0096-02
│ UltraCMOS™ RFIC Solutions
Evaluation Kit
The SPDT Switch Evaluation Kit board was
designed to ease customer evaluation of the
PE4243 SPDT switch. The RF common port is
connected through a 50
Ω transmission line to the
top left SMA connector, J1. Port 1 and Port 2 are
connected through 50
Ω transmission lines to the
top two SMA connectors on the right side of the
board, J3 and J2, respectively. A through
transmission line connects SMA connectors J4
and J5. This transmission line can be used to
estimate the loss of the PCB over the
environmental conditions being evaluated.
The board is constructed of a two metal layer FR4
material with a total thickness of 0.031”. The
bottom layer provides ground for the RF
transmission lines. The transmission lines were
designed using a coplanar waveguide with ground
plane model using a trace width of 0.0476”, trace
gaps of 0.030”, dielectric thickness of 0.028”,
metal thickness of 0.0021” and
ε
r of 4.4.
J6 provides a means for controlling DC and digital
inputs to the device. Starting from the lower left
pin, the second pin to the right (J6-3) is connected
to the device V1 or CTRL input. The fourth pin to
the right (J6-7) is connected to the device V2 or
CTRL
/VDD input.
Figure 4. Evaluation Board Layout
Figure 5. Evaluation Board Schematic
Peregrine Specification 101/0083
Peregrine Specification 102/0146


Similar Part No. - 4243-00

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4243 POMONA-4243 Datasheet
25Kb / 1P
   Double Binding Post Assembly
logo
Tyco Electronics
42437-2 MACOM-42437-2 Datasheet
944Kb / 22P
   FASTON Receptacles
42437-5 MACOM-42437-5 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

Similar Description - 4243-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com