Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN10A08DN8TC Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXMN10A08DN8TC
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN10A08DN8TC Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXMN10A08DN8TC Datasheet HTML 1Page - Zetex Semiconductors ZXMN10A08DN8TC Datasheet HTML 2Page - Zetex Semiconductors ZXMN10A08DN8TC Datasheet HTML 3Page - Zetex Semiconductors ZXMN10A08DN8TC Datasheet HTML 4Page - Zetex Semiconductors ZXMN10A08DN8TC Datasheet HTML 5Page - Zetex Semiconductors ZXMN10A08DN8TC Datasheet HTML 6Page - Zetex Semiconductors ZXMN10A08DN8TC Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMN10A08DN8
SEMICO NDUC TORS
ISSUE 4 - JANUARY 2005
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to ambient (a)
RθJA
100
°C/W
Junction to ambient (b)
RθJA
69
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 5 secs.
(c) Repetitive rating 25mm x 25mm FR4 PCB, D = 0.02, pulse width 300 s - pulse width limited by maximum junction temperature. Refer to
Transient Thermal Impedance graph
THERMAL RESISTANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDSS
100
V
Gate source voltage
VGS
20
V
Continuous drain current VGS=10V; TA=25°C
(b)
VGS=10V; TA=70°C
(b)
VGS=10V; TA=25°C
(a)
ID
2.1
1.7
1.6
A
Pulsed drain current
(c)
IDM
9A
Continuous source current (body diode)
(b)
IS
2.6
A
Pulsed source current (body diode)
(c)
ISM
9A
Power dissipation at TA=25°C
(a)
Linear derating factor
PD
1.25
10
W
mW/°C
Power dissipation at TA=25°C
(b)
Linear derating factor
PD
1.8
14.5
W
mW/°C
Operating and storage temperature range
Tj:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - ZXMN10A08DN8TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN10A08DN8TC DIODES-ZXMN10A08DN8TC Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN10A08DN8TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com