Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4246 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # PE4246
Description  Absorptive SPST UltraCMOS??RF Switch: DC - 5000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4246 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  PE4246 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4246 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4246 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4246 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4246 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4246 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4246 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4246 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Product Specification
PE4246
©2003-2010 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0090-09
│ www.psemi.com
Page 5 of 8
Evaluation Kit
The SPST Switch Evaluation Kit board was
designed to ease customer evaluation of the
PE4246 SPST switch. The RF1 port is connected
through a 50
Ω transmission line to the top left
SMA connector, J1. The RF2 port is connected
through a 50
Ω transmission line to the top right
SMA connector, J2. A through transmission line
connects SMA connectors J3 and J4. This
transmission line can be used to estimate the loss
of the PCB over the environmental conditions
being evaluated.
The board is constructed of a two metal layer FR4
material with a total thickness of 0.031”. The
bottom layer provides ground for the RF
transmission lines. The transmission lines were
designed using a coplanar waveguide model with
trace width of 0.0476”, trace gaps of 0.030”,
dielectric thickness of 0.028”, metal thickness of
0.0021” and
εR of 4.3. Note that the predominate
mode for these transmission lines is coplanar
waveguide with a ground plane.
J5 and J6 provide a means for controlling DC and
digital inputs to the device. J6-1 is connected to
the device VDD input. J5-1 is connected to the
device CTRL input. J5-2 and J6-2 are GND
connections. A decoupling capacitor (100 pF) is
provided on both CTRL and VDD traces. It is the
responsibility of the customer to determine proper
supply decoupling for their design application.
Removing these components from the evaluation
board has not been shown to degrade RF
performance.
Figure 11. Evaluation Board Layouts
Figure 12. Evaluation Board Schematic
Peregrine Specification 102/0134
Peregrine Specification 101/0102


Similar Part No. - PE4246

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246 Datasheet
462Kb / 8P
   Absorptive SPST UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4246 PEREGRINE-PE4246 Datasheet
462Kb / 8P
   Absorptive SPST UltraCMOS
logo
Pasternack Enterprises,...
PE4246 PASTERNACK-PE4246 Datasheet
316Kb / 3P
   SMC Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch
logo
Peregrine Semiconductor
PE42462 PSEMI-PE42462 Datasheet
786Kb / 20P
   SP6T RF Switch, 10 MHz?? GHz
PE42462A-X PSEMI-PE42462A-X Datasheet
786Kb / 20P
   SP6T RF Switch, 10 MHz?? GHz
More results

Similar Description - PE4246

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246 Datasheet
462Kb / 8P
   Absorptive SPST UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4246 PEREGRINE-PE4246 Datasheet
462Kb / 8P
   Absorptive SPST UltraCMOS
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246_14 Datasheet
1Mb / 8P
   Absorptive SPST UltraCMOS?
PE4257 PSEMI-PE4257 Datasheet
300Kb / 7P
   SPDT Absorptive UltraCMOS DC??.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor...
PE4240 PEREGRINE-PE4240 Datasheet
267Kb / 8P
   SPST UltraCMOS??CATV Switch DC - 1300 MHz
PE4257 PEREGRINE-PE4257 Datasheet
222Kb / 7P
   50 짰SPDT Absorptive UltraCMOS DC - 3.0 GHz RF Switch
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451 Datasheet
619Kb / 11P
   SP5T Absorptive UltraCMOS High-Isolation RF Switch
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com